Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP6 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # MSP6
Description  Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MSP6 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MSP6 Datasheet HTML 1Page - M-System Co.,Ltd. MSP6 Datasheet HTML 2Page - M-System Co.,Ltd. MSP6 Datasheet HTML 3Page - M-System Co.,Ltd. MSP6 Datasheet HTML 4Page - M-System Co.,Ltd. MSP6 Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: MSP6
MSP6 SPECIFICATIONS
ES-4853 Rev.19 Page 1/5
http://www.m-system.co.jp/
Final Control Elements
MINI-TOP ELECTRONIC ACTUATOR
(linear type)
Functions & Features
• Small-size control valve actuator
• 1/1000 high resolution
• Seal-spring incorporated for both directions; usable with
three-way valves
• Easy adjustment: electronic limiter at the valve open &
closed positions
• Overload protection
• Various power inputs
Typical Applications
• Actuator for automatic control valve in pilot plants
• Air-conditioning in buildings or plants
• Micro-flow control for pharmaceutical injection
• For small-size control valves
MODEL: MSP6–[1][2][3][4]–[5][6][7][8]
ORDERING INFORMATION
• Code number: MSP6-[1][2][3][4]-[5][6][7][8]
Specify a code from below for each of [1] through [8].
(e.g. MSP6-361T-ACR/F/P/Q)
• Special input range (for codes Z and 0)
• Specify the specification for option code /Q
(e.g. /SET)
[1] STROKE
3: 10 to 20 mm (.39” to .79”)
4: 20 to 40 mm (.79” to 1.57”) (Not available for /P)
Y: 10 to 22 mm (.39” to .87”) (Not available for /P)
For Japan sales only.
Select 'Y' when the yoke set (model: YSS-1) is used.
Must select '8: M8 female thread, 1.0 pitch' as [3] OUTPUT
STEM TYPE.
[2] OPERATION TIME, THRUST
3: 5 sec. / 10 mm, 600 N
4: 8 sec. / 10 mm, 1200 N
6: 15 sec. / 10 mm, 2500 N
[3] OUTPUT STEM TYPE
6: M6 female thread, 0.75 pitch
8: M8 female thread, 1.0 pitch
1: M10 female thread, 1.25 pitch
D: M6 female thread, 1.0 pitch
E: M8 female thread, 1.25 pitch
F: M10 female thread, 1.5 pitch
[4] TERMINAL BOX
T: With
0: Without
[5] INPUT
Current
A: 4 – 20 mA DC (Input resistance 250 Ω)
Z: Specify current (See INPUT SPECIFICATIONS)
Voltage
6: 1 – 5 V DC (Input resistance approx. 1 MΩ)
0: Specify voltage (See INPUT SPECIFICATIONS)
[6] CE MARKING
C: With
0: Without
[7] POWER SUPPLY VOLTAGE
AC Power
A: 24 V AC (Operational voltage range 24 V ±10 %, 47 – 66 Hz)
(Not selectable for CE)
K3: 100 – 120 V AC
(Operational voltage range 90 – 132 V, 47 – 66 Hz)
(Not selectable for CE)
L3: 200 – 240 V AC
(Operational voltage range 180 – 264 V, 47 – 66 Hz)
(Not selectable for CE)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[8] OPTIONS (multiple selections)
Control Signals
blank: Without
/L: Full-open/-closed signal
/F: Forced open/close signal
/B: Full-open/-closed and forced open/close signals


Similar Part No. - MSP6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSP600-3-B-3-N-1 ETC1-MSP600-3-B-3-N-1 Datasheet
182Kb / 2P
NEW HIGH ACCURACY, DIGITALLY COMPENSATED EMI/RFI PROTECTED STAINLESS STEEL ISOLATED PRESSURE TRANSDUCER
MSP600-3-B-3-N-4 ETC1-MSP600-3-B-3-N-4 Datasheet
182Kb / 2P
NEW HIGH ACCURACY, DIGITALLY COMPENSATED EMI/RFI PROTECTED STAINLESS STEEL ISOLATED PRESSURE TRANSDUCER
MSP600-3-B-4-N-1 ETC1-MSP600-3-B-4-N-1 Datasheet
182Kb / 2P
NEW HIGH ACCURACY, DIGITALLY COMPENSATED EMI/RFI PROTECTED STAINLESS STEEL ISOLATED PRESSURE TRANSDUCER
MSP600-3-B-4-N-4 ETC1-MSP600-3-B-4-N-4 Datasheet
182Kb / 2P
NEW HIGH ACCURACY, DIGITALLY COMPENSATED EMI/RFI PROTECTED STAINLESS STEEL ISOLATED PRESSURE TRANSDUCER
MSP600-3-B-5-N-1 ETC1-MSP600-3-B-5-N-1 Datasheet
182Kb / 2P
NEW HIGH ACCURACY, DIGITALLY COMPENSATED EMI/RFI PROTECTED STAINLESS STEEL ISOLATED PRESSURE TRANSDUCER
More results

Similar Description - MSP6

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
MSP6D MSYSTEM-MSP6D Datasheet
161Kb / 6P
Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP6C MSYSTEM-MSP6C Datasheet
144Kb / 5P
Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP5D MSYSTEM-MSP5D Datasheet
166Kb / 6P
Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP5C2 MSYSTEM-MSP5C2 Datasheet
183Kb / 5P
Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP50 MSYSTEM-MSP50 Datasheet
184Kb / 5P
Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP40 MSYSTEM-MSP40 Datasheet
187Kb / 5P
Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
PSN3 MSYSTEM-PSN3 Datasheet
205Kb / 7P
Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
PSN1G MSYSTEM-PSN1G Datasheet
160Kb / 6P
Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
PSN1 MSYSTEM-PSN1 Datasheet
236Kb / 8P
Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
PRP-2 MSYSTEM-PRP-2 Datasheet
160Kb / 4P
Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com