Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP6 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # MSP6
Description  Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MSP6 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  MSP6 Datasheet HTML 1Page - M-System Co.,Ltd. MSP6 Datasheet HTML 2Page - M-System Co.,Ltd. MSP6 Datasheet HTML 3Page - M-System Co.,Ltd. MSP6 Datasheet HTML 4Page - M-System Co.,Ltd. MSP6 Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: MSP6
MSP6 SPECIFICATIONS
ES-4853 Rev.19 Page 2/5
http://www.m-system.co.jp/
(Select ‘With Terminal Box.’)
Long-life Potentiometer
blank: Standard potentiometer
/P: Long-life potentiometer (for 20 mm stroke only)
(Not available when /L or /B is selected)
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q
EX-FACTORY SETTING
/SET: Preset according to the Ordering Information Sheet
(No. ESU-4854)
GENERAL SPECIFICATIONS
Degree of protection: IP66
Action: Direct or Reverse; field selectable with DIP switches
Ex-factory setting: Reverse
In "Reverse" action, the output stem moves upward as the
input signal increases when the actuator is mounted
upright.
Operation at abnormally low input:
- Retract/move upward
- Extend/move downward
- Stop
Ex-factory setting: Extend/move downward
(The operation direction of the output stem when the
actuator is mounted upright)
Field selectable with DIP switches
Abnormal signal level: -16 ±2.5 %
Electrical connection
•Without terminal box
Wiring conduit: Cable connector with 1 m wire (0.5 mm2)
•With terminal box
(Sequential control signal suffix code: B)
Wiring conduit: G 1/2 female (two)
Terminal screws: M3 pillar terminal
•With terminal box
(Sequential control signal suffix code: other than B)
Wiring conduit: G 1/2 female (two)
Terminal screws: M3 chromated steel
(torque 0.5 N·m)
Housing material: Diecast aluminum (ADC.12)
Drive: Stepping motor
Insulation class: E
Position detection: Potentiometer
- Common specification (contact conductive)
Deadband: 0.1 – 4.5 % adjustable
Ex-factory setting: 1.5 %
Restarting timer: 0 – 10 sec.
Ex-factory setting: 1.5 sec.
Isolation: AC power to signal
Zero adjustment: 0 – 25 %
Span adjustment: 50 - 100 %
Protective functions: Overload (lock) protection
Power indicator: Green LED is ON while power is supplied
Input indicator: Green LED is ON while normal signal is input
Status indicator LED: Red LED blinks at intervals of: 2 sec. in
normal operation; and 0.5 sec. when an overload (lock) is
detected
Manual operating handle: Not available
Output stem operation distance and adjustable range
3: 10 - 20 mm
- Ex-factory setting: 0 - 20 mm
- Adjustable range: 0 - 10 mm (min. distance)
4: 20 - 40 mm (Not available for /P)
- Ex-factory setting: 0 - 40 mm
- Adjustable range: 0 - 20mm (min. distance)
Y: 10 - 22 mm (Not available for /P)
- Ex-factory setting: 0 - 20 mm
- Adjustable range: 0 - 22 mm (max. distance)
- Adjustable range: 0 - 10 mm (min. distance)
INPUT SPECIFICATIONS
■ DC Current: Input resistor incorporated (250 Ω)
■ DC Voltage: 1 – 5 V DC or specific range within 0 – 5 V
DC, minimum span 1 V
(For a current input, convert the current to a voltage with
250 Ω)
Input resistance: Approx. 1 MΩ
■ Forced open/close signal: Dry contact inputs to command
to go up and go down
Rating: 5 V DC @ 2.5 mA
(go up and go down when upright mount)
OUTPUT SPECIFICATIONS
■ Operation Time & Torque (at rated power voltage)
MSP6-x3: 5 sec. /10 mm 600 N (135 lbf)
MSP6-x4: 8 sec. /10 mm 1200 N (270 lbf)
MSP6-x6: 15 sec. /10 mm 2500 N (562 lbf)
■ DC Voltage: 1 – 5 V DC (not isolated)
With “direct” action, 5 – 1 V DC position output is provided
proportionally to 4 – 20 mA DC (1 – 5 V DC) input.
Load resistance: ≥ 5 kΩ
■ Full-open / -closed signals: Limit switch contact
Rating: 125 V AC @ 0.75 A (cos ø = 1)
30 V DC @ 0.6 A (resistive load)
Mechanical life: 3 × 107 cycles
Maximum operation frequency: 60 cycles/min.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com