Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4372 Datasheet(PDF) 42 Page - Analog Devices

Part # ADF4372
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4372 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADF4372 Datasheet HTML 38Page - Analog Devices ADF4372 Datasheet HTML 39Page - Analog Devices ADF4372 Datasheet HTML 40Page - Analog Devices ADF4372 Datasheet HTML 41Page - Analog Devices ADF4372 Datasheet HTML 42Page - Analog Devices ADF4372 Datasheet HTML 43Page - Analog Devices ADF4372 Datasheet HTML 44Page - Analog Devices ADF4372 Datasheet HTML 45Page - Analog Devices ADF4372 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 47 page
background image
ADF4372
Data Sheet
Rev. 0 | Page 42 of 47
Address: 0x39, Default: 0x07, Name: REG0039
Select VCO VTUNE Target Voltage
when Tes t Mode is Enabled.
VCO Tes t Mux Select.
0
1
1
1
2
1
3
0
4
0
5
0
6
0
7
0
[7] RESERVED
[3:0] SI_VTUNE_CAL_SET (R/W)
[6:4] VCO_FSM_TEST_MUX_SEL (R/W)
Table 53. Bit Descriptions for REG0039
Bit(s)
Bit Name
Description
Default
Access
7
RESERVED
Reserved.
0x0
R
[6:4]
VCO_FSM_TEST_MUX_SEL
VCO Test Mux Select.
0x0
R/W
0: busy.
1: N band.
10: R band.
11: reserved.
100: timeout clock.
101: bias minimum.
110: ADC busy.
111: logic low.
[3:0]
SI_VTUNE_CAL_SET
Select VCO V
TUNE Target Voltage when Test Mode is Enabled.
0x7
R/W
0: 0.58 V.
1: 0.73 V.
10: 0.88 V.
11: 1.03 V.
100: 1.18 V.
101: 1.33 V.
110: 1.48 V.
111: 1.63 V.
1000: 1.78 V.
1001: 1.93 V.
1010: 2.08 V.
1011: 2.23 V.
1100: 2.38 V.
1101: 2.53 V.
1110: 2.68 V.
1111: 2.83 V.
Address: 0x3A, Default: 0x55, Name: REG003A
VCO Calibration ADC Offs et Correction.
0
1
1
0
2
1
3
0
4
1
5
0
6
1
7
0
[7:0] ADC_OFFSET (R/W)
Table 54. Bit Descriptions for REG003A
Bit(s)
Bit Name
Description
Default
Access
[7:0]
ADC_OFFSET
VCO Calibration ADC Offset Correction.
0x55
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com