Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4372 Datasheet(PDF) 21 Page - Analog Devices

Part # ADF4372
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4372 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADF4372 Datasheet HTML 17Page - Analog Devices ADF4372 Datasheet HTML 18Page - Analog Devices ADF4372 Datasheet HTML 19Page - Analog Devices ADF4372 Datasheet HTML 20Page - Analog Devices ADF4372 Datasheet HTML 21Page - Analog Devices ADF4372 Datasheet HTML 22Page - Analog Devices ADF4372 Datasheet HTML 23Page - Analog Devices ADF4372 Datasheet HTML 24Page - Analog Devices ADF4372 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
Data Sheet
ADF4372
Rev. 0 | Page 21 of 47
DOUBLER
The VCO frequency multiplied by 2 is available at the RF16P
pin and RF16N pin. This output can be powered down when
not in use, and the RF16P pin and the RF16N pin can be left open
if unused.
RF16P
×2
RF16N
Figure 36. Doubler Output Stage
An automatic tracking filter on the ADF4372 that suppresses
the VCO and other unwanted frequency products ensures the
doubled output is maximized and that the VCO and 3 × VCO
frequencies are suppressed regardless of the output frequency.
Suppression of <50 dB is typical. The optimum values are set
automatically by the automatic tracking when it is enabled
using Bit 1 in Address 0x23.
The settings for optimum output power, phase noise, and
harmonic rejection are given in Table 6.
Table 6. Filter and Bias Settings for Doubled Output
Frequency (GHz)
Filter
Bias
<8.4
7
3
8.4 to 9.4
6
3
9.4 to 10
5
3
10 to 11.5
4
3
11.5 to 12.2
3
3
12.2 to 13.7
2
3
13.7 to 14.5
1
3
>14.5
0
3
OUTPUT STAGE MUTE
Another feature of the ADF4372 is that the supply current
to the RF8P and RF8N output stage can shut down until the
ADF4372 achieves lock as measured by the digital lock detect
circuitry. The mute to lock detect bit (MUTE_LD) in Address 0x25
enables this function.
SPI
The SPI of the ADF4372 allows the user to configure the device
as required via a 3-wire or 4-wire SPI port. This interface provides
users with added flexibility and customization. The serial port
interface consists of four control lines: SCLK, SDIO, CS, and
MUXOUT (not used in 3-wire SPI). The timing requirements
for the SPI port are detailed in Table 2.
The SPI protocol consists of a read and write bit and 15 register
address bits, followed by eight data bits. Both the address and data
fields are organized with the MSB first and end with the LSB
by default. The timing diagrams for write mode and read mode
are shown in Figure 3 and Figure 4, respectively. The significant
bit order can be changed via the Bit 1 (LSB_FIRST) setting at
Address 0x00. The related timing diagram is shown in Figure 2.
The ADF4372 input logic level for the write cycle is compatible
with 1.8 V logic level (see the logic parameters in Table 1). On a
read cycle, both the SDIO pin and MUXOUT pin are configurable
for 1.8 V (default) or 3.3 V output levels by the LEV_SEL bit
setting.
SPI Stream Mode
The ADF4372 supports stream mode, where data bits are loaded
to or read from registers serially without writing the register
address (instruction word). This mode is useful in time critical
applications, when a large amount of data must be transferred or
when some registers must be updated repeatedly.
The slave device starts reading or writing data to this address and
continues as long as CS is asserted and single-byte writes are not
enabled (Bit 7 in Address 0x01). The slave device automatically
increments or decrements the address depending on the setting
of the address ascension bit (Bit 2 in Address 0x00).
The diagram of 3-byte streaming is shown in Figure 5. The
instruction header starts with a Logic 0 to indicate a write
sequence and addresses the register. The data for registers (N,
N − 1, and N − 2) are loaded consecutively without any assertion
in CS.
The registers are organized into eight bits, and if a register
requires more than eight bits, sequential register addresses
are used. This organization enables using stream mode and
simplifies loading. For example, FRAC1WORD is stored in
Address 0x16, Address 0x15, and Address 0x14 (MSB to LSB).
These registers can be loaded by using Address 0x16 and sending
the whole 24-bit data afterward, as shown in Figure 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com