Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4372 Datasheet(PDF) 13 Page - Analog Devices

Part # ADF4372
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4372 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADF4372 Datasheet HTML 9Page - Analog Devices ADF4372 Datasheet HTML 10Page - Analog Devices ADF4372 Datasheet HTML 11Page - Analog Devices ADF4372 Datasheet HTML 12Page - Analog Devices ADF4372 Datasheet HTML 13Page - Analog Devices ADF4372 Datasheet HTML 14Page - Analog Devices ADF4372 Datasheet HTML 15Page - Analog Devices ADF4372 Datasheet HTML 16Page - Analog Devices ADF4372 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
Data Sheet
ADF4372
Rev. 0 | Page 13 of 47
–35
–40
–45
–50
–55
–60
–65
–70
–75
–80
7
9
11
13
15
8
10
12
14
16
17
CARRIER FREQUENCY (GHz)
–40°C, VCO SUPPLY = 4.80V
+105°C, VCO SUPPLY = 4.80V
–40°C, VCO SUPPLY = 5.30V
+105°C, VCO SUPPLY = 5.30V
+25°C, VCO SUPPLY = 5.05V
Figure 19. RF16P and RF16N VCO × 3 Feedthrough, De-Embedded Board and
Cable Measurement, Combined Using Balun
0
–10
–20
–30
–40
–50
–60
–70
–80
7
9
11
13
15
8
10
12
14
16
17
CARRIER FREQUENCY (GHz)
SECOND HARMONIC (4 × VCO)
THIRD HARMONIC (6 × VCO)
5/2TH HARMONIC (5 × VCO)
Figure 20. RF16P and RF16N Output Harmonics, De-Embedded Board and
Cable Measurement, Combined Using Balun
0.075
0.070
0.065
0.060
0.055
0.050
0.045
0.040
0.035
0.030
0.025
4.0
5.0
6.0
7.0
8.0
4.5
5.5
6.5
7.5
8.5
FREQUENCY (GHz)
12kHz TO 20MHz
1kHz TO 100MHz
Figure 21. RMS Jitter, Integer-N, fPFD = 245.76 MHz, Loop Filter Bandwidth =
220 kHz, VCC_VCO = 5 V
0.075
0.070
0.065
0.060
0.055
0.050
0.045
0.040
0.035
0.030
0.025
4.0
5.0
6.0
7.0
8.0
4.5
5.5
6.5
7.5
8.5
FREQUENCY (GHz)
12kHz TO 20MHz
1kHz TO 20MHz
Figure 22. RMS Jitter, Fractional-N, fPFD = 153.6 MHz, VCC_VCO = 5 V
0.075
0.070
0.065
0.060
0.055
0.050
0.045
0.040
0.035
0.030
0.025
3.5
4.0
5.0
6.0
7.0
8.0
4.5
5.5
6.5
7.5
8.5
FREQUENCY (GHz)
Figure 23. RMS Jitter Integrated from 1 kHz to 100 MHz, Fractional-N,
fPFD = 153.6 MHz, VCC_VCO = 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com