Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA1107 Datasheet(PDF) 12 Page - Analog Devices

Part # ADPA1107
Description  45.0 dBm (35 W), 4.8 GHz to 6.0 GHz, GaN Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1107 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADPA1107 Datasheet HTML 8Page - Analog Devices ADPA1107 Datasheet HTML 9Page - Analog Devices ADPA1107 Datasheet HTML 10Page - Analog Devices ADPA1107 Datasheet HTML 11Page - Analog Devices ADPA1107 Datasheet HTML 12Page - Analog Devices ADPA1107 Datasheet HTML 13Page - Analog Devices ADPA1107 Datasheet HTML 14Page - Analog Devices ADPA1107 Datasheet HTML 15Page - Analog Devices ADPA1107 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
ADPA1107
Data Sheet
Rev. 0 | Page 12 of 20
65
35
4.6
6.2
FREQUENCY (GHz)
4.8
5.0
5.2
5.4
5.6
5.8
6.0
40
45
50
55
60
450mA
350mA
250mA
Figure 31. PAE vs. Frequency at
Various Quiescent Currents, PIN = 27 dBm, and VDD = 28 V
22
12
4.6
6.2
FREQUENCY (GHz)
4.8
5.0
5.2
5.4
5.6
5.8
6.0
13
14
15
16
17
18
19
20
21
450mA
350mA
250mA
Figure 32. Gain vs. Frequency at
Various Quiescent Currents, PIN = 25 dBm, and VDD = 28 V
47
41
4.6
6.2
FREQUENCY (GHz)
42
43
44
45
46
4.8
5.0
5.2
5.4
5.6
5.8
6.0
PW = 1000µs, DUTY CYCLE = 10%
PW = 100µs, DUTY CYCLE = 5%
PW = 100µs, DUTY CYCLE = 2%
PW = 100µs, DUTY CYCLE = 40%
PW = 100µs, DUTY CYCLE = 20%
PW = 10µs, DUTY CYCLE = 10%
PW = 100µs, DUTY CYCLE = 10%
PW = 300µs, DUTY CYCLE = 10%
PW = 500µs, DUTY CYCLE = 10%
Figure 33. POUT vs. Frequency at
PIN = 25 dBm and Various Pulse Widths (PW) and Duty Cycles
22
12
4.6
6.2
FREQUENCY (GHz)
4.8
5.0
5.2
5.4
5.6
5.8
6.0
13
14
15
16
17
18
19
20
21
450mA
350mA
250mA
Figure 34. Gain vs. Frequency at
PIN = 27 dBm and Various Quiescent Currents
47
41
4.6
6.2
FREQUENCY (GHz)
42
43
44
45
46
4.8
5.0
5.2
5.4
5.6
5.8
6.0
PW = 1000µs, DUTY CYCLE = 10%
PW = 100µs, DUTY CYCLE = 5%
PW = 100µs, DUTY CYCLE = 2%
PW = 100µs, DUTY CYCLE = 40%
PW = 100µs, DUTY CYCLE = 20%
PW = 10µs, DUTY CYCLE = 10%
PW = 100µs, DUTY CYCLE = 10%
PW = 300µs, DUTY CYCLE = 10%
PW = 500µs, DUTY CYCLE = 10%
Figure 35. POUT vs. Frequency at
PIN = 27 dBm and Various Pulse Widths (PW) and Duty Cycles
65
35
4.6
6.2
FREQUENCY (GHz)
4.8
5.0
5.2
5.4
5.6
5.8
6.0
40
45
50
55
60
PW = 1000µs, DUTY CYCLE = 10%
PW = 100µs, DUTY CYCLE = 5%
PW = 100µs, DUTY CYCLE = 2%
PW = 100µs, DUTY CYCLE = 40%
PW = 100µs, DUTY CYCLE = 20%
PW = 10µs, DUTY CYCLE = 10%
PW = 100µs, DUTY CYCLE = 10%
PW = 300µs, DUTY CYCLE = 10%
PW = 500µs, DUTY CYCLE = 10%
Figure 36. PAE vs. Frequency at
PIN = 25 dBm and Various Pulse Widths (PW) and Duty Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com