Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA1107 Datasheet(PDF) 19 Page - Analog Devices

Part # ADPA1107
Description  45.0 dBm (35 W), 4.8 GHz to 6.0 GHz, GaN Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1107 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADPA1107 Datasheet HTML 12Page - Analog Devices ADPA1107 Datasheet HTML 13Page - Analog Devices ADPA1107 Datasheet HTML 14Page - Analog Devices ADPA1107 Datasheet HTML 15Page - Analog Devices ADPA1107 Datasheet HTML 16Page - Analog Devices ADPA1107 Datasheet HTML 17Page - Analog Devices ADPA1107 Datasheet HTML 18Page - Analog Devices ADPA1107 Datasheet HTML 19Page - Analog Devices ADPA1107 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
Data Sheet
ADPA1107
Rev. 0 | Page 19 of 20
THERMAL MANAGEMENT
Proper thermal management is critical to achieve the specified
performance and rated operating life. Pulsed biasing limits
the average power dissipated and maintains a safe channel
temperature. The channel (or die) temperature correlates
closely with the mean time to failure (MTTF).
Consider a continuous bias condition (see Figure 52). When
bias is applied, the channel temperature (TCHAN) of the device
rises through a turn on transient interval and eventually settles
to a steady state value. The θJC of the device is the rise in TCHAN
above the starting TBASE divided by the total device PDISS, which is
calculated by
θJC = tRISE/PDISS
(1)
where:
tRISE is the rise in TCHAN of the device above the TBASE (°C).
PDISS is the power dissipation (W) of the device.
tRISE = θJC × PDISS
TCHAN
TBASE
TIME
Figure 52. Channel Temperature Rise for Continuous Bias Condition
Next, consider a pulsed bias condition at a low duty cycle (see
Figure 53). When bias is applied, the TCHAN of the device can be
described as a series of exponentially rising and decaying
pulses. The peak channel temperature reached during
consecutive pulses increases during the turn on transient interval,
and eventually, settles to a steady state condition where peak
channel temperatures from pulse to pulse stabilize.
tRISE = θJC × PDISS
TCHAN
TBASE
POWER DISSIPATED
DURING THE PULSE
TIME
Figure 53. Pulsed Bias Condition at a Low Duty Cycle
Table 7 shows the thermal resistance values for various pulse
conditions.
Table 7. Pulse Settings and Thermal Resistance Values
Pulse Settings
θJC (°C/W)
Pulse Width (µs)
Duty Cycle (%)
100
10
1.72
100
20
1.76
500
10
2.10
Narrower pulse widths and/or lower duty cycles can result in
greater reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com