Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA1107 Datasheet(PDF) 18 Page - Analog Devices

Part # ADPA1107
Description  45.0 dBm (35 W), 4.8 GHz to 6.0 GHz, GaN Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1107 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADPA1107 Datasheet HTML 12Page - Analog Devices ADPA1107 Datasheet HTML 13Page - Analog Devices ADPA1107 Datasheet HTML 14Page - Analog Devices ADPA1107 Datasheet HTML 15Page - Analog Devices ADPA1107 Datasheet HTML 16Page - Analog Devices ADPA1107 Datasheet HTML 17Page - Analog Devices ADPA1107 Datasheet HTML 18Page - Analog Devices ADPA1107 Datasheet HTML 19Page - Analog Devices ADPA1107 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
ADPA1107
Data Sheet
Rev. 0 | Page 18 of 20
DIRECTIONAL
COUPLER
10kΩ
5V
VREF
10kΩ
5V
VDET
1pF
1pF
30
21
22
23
24
25
26
27
28
29
1
2
3
4
5
6
7
8
9
10
GROUND
PAD
1000pF
1000pF
1000pF
VDD1A
2.55Ω
1000pF
2.55Ω
2200pF
1 µF
VGG1
VDD2A
VDD2B
VDD1B
NIC
NIC
NIC
NIC
NIC
GND
RFIN
GND
NIC
NIC
NIC
NIC
VDET
GND
RFOUT
GND
VREF
NIC
NIC
NIC
Figure 51. Basic Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com