Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25AA320G Datasheet(PDF) 21 Page - ACE Technology Co., LTD.

Part # ACE25AA320G
Description  Serial NOR Flash Memory 3.0V Multi I/O with 4KB, 32KB & 64KB Sector/Block Erase
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AA320G Datasheet(HTML) 21 Page - ACE Technology Co., LTD.

Back Button ACE25AA320G Datasheet HTML 17Page - ACE Technology Co., LTD. ACE25AA320G Datasheet HTML 18Page - ACE Technology Co., LTD. ACE25AA320G Datasheet HTML 19Page - ACE Technology Co., LTD. ACE25AA320G Datasheet HTML 20Page - ACE Technology Co., LTD. ACE25AA320G Datasheet HTML 21Page - ACE Technology Co., LTD. ACE25AA320G Datasheet HTML 22Page - ACE Technology Co., LTD. ACE25AA320G Datasheet HTML 23Page - ACE Technology Co., LTD. ACE25AA320G Datasheet HTML 24Page - ACE Technology Co., LTD. ACE25AA320G Datasheet HTML 25Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 67 page
background image
ACE25AA320G
Serial NOR Flash Memory
3.0V Multi I/O with 4KB, 32KB & 64KB Sector/Block Erase
VER 1.2
21
Read Data Bytes (READ) (03H)
The Read Data Bytes (READ) command is followed by a 3-byte address (A23-A0), each bit being
latched-in during the rising edge of SCLK. Then the memory content, at that address, is shifted out on SO,
each bit being shifted out, at a Max frequency fR, during the falling edge of SCLK. The first byte
addressed can be at any location. The address is automatically incremented to the next higher address
after each byte of data is shifted out. Therefore, the whole memory can be read with a single Read Data
Bytes (READ) command. During an Erase, Program or Write cycle, Read Data Byte (READ) command
will be rejected without affecting the cycle in progress.
Read Data Bytes At Higher Speed (Fast Read) (0BH)
The Read Data Bytes at Higher Speed (Fast Read) command is for quickly reading data out. It is followed
by a 3-byte address (A23-A0) and a dummy byte, each bit being latched-in during the rising edge of SCLK.
Then the memory content, at that address, is shifted out on SO, each bit being shifted out, at a Max
frequency fC, during the falling edge of SCLK. The first byte address can be at any location. The address
is automatically incremented to the next higher address after each byte of data is shifted out.
Figure6. Read Data Bytes Sequence Diagram
Figure7. Read Data Bytes at Higher Speed Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com