Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25AA320G Datasheet(PDF) 40 Page - ACE Technology Co., LTD.

Part # ACE25AA320G
Description  Serial NOR Flash Memory 3.0V Multi I/O with 4KB, 32KB & 64KB Sector/Block Erase
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AA320G Datasheet(HTML) 40 Page - ACE Technology Co., LTD.

Back Button ACE25AA320G Datasheet HTML 36Page - ACE Technology Co., LTD. ACE25AA320G Datasheet HTML 37Page - ACE Technology Co., LTD. ACE25AA320G Datasheet HTML 38Page - ACE Technology Co., LTD. ACE25AA320G Datasheet HTML 39Page - ACE Technology Co., LTD. ACE25AA320G Datasheet HTML 40Page - ACE Technology Co., LTD. ACE25AA320G Datasheet HTML 41Page - ACE Technology Co., LTD. ACE25AA320G Datasheet HTML 42Page - ACE Technology Co., LTD. ACE25AA320G Datasheet HTML 43Page - ACE Technology Co., LTD. ACE25AA320G Datasheet HTML 44Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 67 page
background image
ACE25AA320G
Serial NOR Flash Memory
3.0V Multi I/O with 4KB, 32KB & 64KB Sector/Block Erase
VER 1.2
40
Read Manufacture ID/ Device ID Dual I/O (92H)
The Read Manufacturer/Device ID Dual I/O command is an alternative to the Release from Power-Down /
Device ID command that provides both the JEDEC assigned Manufacturer ID and the specific Device ID
by dual I/O.
The command is initiated by driving the CS# pin low and shifting the command code “92H” followed by a
24-bit address (A23-A0) of 000000H. After which, the Manufacturer ID and the Device ID are shifted out
on the falling edge of SCLK with most significant bit (MSB) first as shown in Figure 23 If the 24-bit address
is initially set to 000001H, the Device ID will be read first.
Read Manufacture ID/ Device ID Quad I/O (94H)
The Read Manufacturer/Device ID Quad I/O command is an alternative to the Release from Power-Down
/ Device ID command that provides both the JEDEC assigned Manufacturer ID and the specific Device ID
by quad I/O. The command is initiated by driving the CS# pin low and shifting the command code “94H”
followed by a 24-bit address (A23-A0) of 000000H. After which, the Manufacturer ID and the Device ID
are shifted out on the falling edge of SCLK with most significant bit (MSB) first is shown in Figure 25. If the
24-bit address is initially set to 000001H, the Device ID will be read first.
Figure23. Read Manufacture ID/ Device ID Dual I/O Sequence Diagram
Figure24. Read Manufacture ID/ Device ID Quad I/O Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com