Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25AA320G Datasheet(PDF) 36 Page - ACE Technology Co., LTD.

Part # ACE25AA320G
Description  Serial NOR Flash Memory 3.0V Multi I/O with 4KB, 32KB & 64KB Sector/Block Erase
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AA320G Datasheet(HTML) 36 Page - ACE Technology Co., LTD.

Back Button ACE25AA320G Datasheet HTML 32Page - ACE Technology Co., LTD. ACE25AA320G Datasheet HTML 33Page - ACE Technology Co., LTD. ACE25AA320G Datasheet HTML 34Page - ACE Technology Co., LTD. ACE25AA320G Datasheet HTML 35Page - ACE Technology Co., LTD. ACE25AA320G Datasheet HTML 36Page - ACE Technology Co., LTD. ACE25AA320G Datasheet HTML 37Page - ACE Technology Co., LTD. ACE25AA320G Datasheet HTML 38Page - ACE Technology Co., LTD. ACE25AA320G Datasheet HTML 39Page - ACE Technology Co., LTD. ACE25AA320G Datasheet HTML 40Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 67 page
background image
ACE25AA320G
Serial NOR Flash Memory
3.0V Multi I/O with 4KB, 32KB & 64KB Sector/Block Erase
VER 1.2
36
Deep Power-Down (DP) (B9H)
Executing the Deep Power-Down (DP) command is the only way to put the device in the lowest
consumption mode (the Deep Power-Down Mode). It can also be used as an extra software protection
mechanism, while the device is not in active use, since in this mode, the device ignores all Write, Program
and Erase commands. Driving CS# high deselects the device, and puts the device in the Standby Mode (if
there is no internal cycle currently in progress). But this mode is not the Deep Power-Down Mode. The
Deep Power-Down Mode can only be entered by executing the Deep Power-Down (DP) command. Once
the device has entered the Deep Power- Down Mode, all commands are ignored except the Release from
Deep Power-Down and Read Device ID (RDI) command. This releases the device from this mode. The
Release from Deep Power-Down and Read Device ID (RDI) command also allows the Device ID of the
device to be output on SO.
The Deep Power-Down Mode automatically stops at Power-Down, and the device always Power-Up in
the Standby Mode. The Deep Power-Down (DP) command is entered by driving CS# low, followed by the
command code on SI. CS# must be driven low for the entire duration of the sequence.
The Deep Power-Down command sequence: CS# goes low→sending Deep Power-Down command→
CS# goes high. The command sequence is shown in Figure 20. CS# must be driven high after the eighth
bit of the command code has been latched in; otherwise the Deep Power-Down (DP) command is not
executed. As soon as CS# is driven high, it requires a delay of tDP before the supply current is reduced to
ICC2 and the Deep Power- Down Mode is entered. Any Deep Power-Down (DP) command, while an
Erase, Program or Write cycle is in progress, is rejected without having any effects on the cycle that is in
progress.
Figure20. Deep Power-Down Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com