Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25AA128GFMLTH Datasheet(PDF) 26 Page - ACE Technology Co., LTD.

Part # ACE25AA128GFMLTH
Description  Serial NOR Flash Memory 128 Megabits 3.0V Quad I/O Serial Flash Memory with 4KB Uniform Sector
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AA128GFMLTH Datasheet(HTML) 26 Page - ACE Technology Co., LTD.

Back Button ACE25AA128GFMLTH Datasheet HTML 22Page - ACE Technology Co., LTD. ACE25AA128GFMLTH Datasheet HTML 23Page - ACE Technology Co., LTD. ACE25AA128GFMLTH Datasheet HTML 24Page - ACE Technology Co., LTD. ACE25AA128GFMLTH Datasheet HTML 25Page - ACE Technology Co., LTD. ACE25AA128GFMLTH Datasheet HTML 26Page - ACE Technology Co., LTD. ACE25AA128GFMLTH Datasheet HTML 27Page - ACE Technology Co., LTD. ACE25AA128GFMLTH Datasheet HTML 28Page - ACE Technology Co., LTD. ACE25AA128GFMLTH Datasheet HTML 29Page - ACE Technology Co., LTD. ACE25AA128GFMLTH Datasheet HTML 30Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 71 page
background image
ACE25AA128G
Serial NOR Flash Memory
128 Megabits 3.0V Quad I/O Serial Flash Memory with 4KB Uniform Sector
VER 1.1
26
Quad I/O Fast Read(EBH)
The Quad I/O Fast Read command is similar to the Dual I/O Fast Read command but with the capability
to input the 3-byte address (A23-0) and a “Continuous Read Mode” byte and 4-dummy clock 4-bits per
clock by IO0, IO1, IO3, IO4, each bit being latched in during the rising edge of SCLK, then the memory
contents are shifted out 4-bit per clock cycle from IO0, IO1, IO2, IO3. The command sequence is shown in
Figure 12. The first byte addressed can be at any location. The address is automatically incremented to
the next address after each byte of data is shifted out. The Quad Enable bit (QE) of Status Register (S9)
must be set to enable for the Quad I/O Fast read command.
Figure10. Dual I/O Fast Read Sequence Diagram (M5-
4≠(1, 0))
Figure11. Dual I/O Fast Read Sequence Diagram (M5-4=(1, 0))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com