Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25AA128GFMLTH Datasheet(PDF) 7 Page - ACE Technology Co., LTD.

Part # ACE25AA128GFMLTH
Description  Serial NOR Flash Memory 128 Megabits 3.0V Quad I/O Serial Flash Memory with 4KB Uniform Sector
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AA128GFMLTH Datasheet(HTML) 7 Page - ACE Technology Co., LTD.

Back Button ACE25AA128GFMLTH Datasheet HTML 3Page - ACE Technology Co., LTD. ACE25AA128GFMLTH Datasheet HTML 4Page - ACE Technology Co., LTD. ACE25AA128GFMLTH Datasheet HTML 5Page - ACE Technology Co., LTD. ACE25AA128GFMLTH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE25AA128GFMLTH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25AA128GFMLTH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25AA128GFMLTH Datasheet HTML 9Page - ACE Technology Co., LTD. ACE25AA128GFMLTH Datasheet HTML 10Page - ACE Technology Co., LTD. ACE25AA128GFMLTH Datasheet HTML 11Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 71 page
background image
ACE25AA128G
Serial NOR Flash Memory
128 Megabits 3.0V Quad I/O Serial Flash Memory with 4KB Uniform Sector
VER 1.1
7
Data Protection
The ACE25AA128G provides the following data protection methods:
Write Enable (WREN) command: The WREN command is set the Write Enable Latch bit (WEL). The WEL
bit will return to reset by the following situation:
Power-Up
Write Disable (WRDI)
Write Status Register (WRSR)
Page Program (PP)
Sector Erase (SE) / Block Erase (BE) / Chip Erase (CE)
Software Protection Mode:
The Block Protect (BP4, BP3, BP2, BP1,BP0) bits define the section of the memory array that can be
read but not change
Hardware Protection Mode:
WP# going low to protected the BP0~BP4 bits and SRP bit
Deep Power-Down Mode:
Deep Power-Down Mode: In Deep Power-Down Mode, all commands are ignored except the
Release from Deep Power-Down Mode command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com