Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25AA128GFMLTH Datasheet(PDF) 41 Page - ACE Technology Co., LTD.

Part # ACE25AA128GFMLTH
Description  Serial NOR Flash Memory 128 Megabits 3.0V Quad I/O Serial Flash Memory with 4KB Uniform Sector
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AA128GFMLTH Datasheet(HTML) 41 Page - ACE Technology Co., LTD.

Back Button ACE25AA128GFMLTH Datasheet HTML 37Page - ACE Technology Co., LTD. ACE25AA128GFMLTH Datasheet HTML 38Page - ACE Technology Co., LTD. ACE25AA128GFMLTH Datasheet HTML 39Page - ACE Technology Co., LTD. ACE25AA128GFMLTH Datasheet HTML 40Page - ACE Technology Co., LTD. ACE25AA128GFMLTH Datasheet HTML 41Page - ACE Technology Co., LTD. ACE25AA128GFMLTH Datasheet HTML 42Page - ACE Technology Co., LTD. ACE25AA128GFMLTH Datasheet HTML 43Page - ACE Technology Co., LTD. ACE25AA128GFMLTH Datasheet HTML 44Page - ACE Technology Co., LTD. ACE25AA128GFMLTH Datasheet HTML 45Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 71 page
background image
ACE25AA128G
Serial NOR Flash Memory
128 Megabits 3.0V Quad I/O Serial Flash Memory with 4KB Uniform Sector
VER 1.1
41
Read Manufacture ID/ Device ID (REMS) (90H)
The Read Manufacturer/Device ID command is an alternative to the Release from Power-Down / Device
ID command that provides both the JEDEC assigned Manufacturer ID and the specific Device ID. The
command is initiated by driving the CS# pin low and shifting the command code “90H” followed by a 24-bit
address (A23-A0) of 000000H. After which, the Manufacturer ID and the Device ID are shifted out on the
falling edge of SCLK with most significant bit (MSB) first is shown in Figure 25. If the 24-bit address is
initially set to 000001H, the Device ID will be read first. In QPI mode the dummy cycles can be configured
by C0H command. When the dummy cycle is configured to 4, addr [0] input must be 0.
Figure25. Read Manufacture ID/ Device ID Sequence Diagram
Figure25a. Read Manufacture ID/ Device ID Sequence Diagram (QPI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com