Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE24LA1024ADPTH Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE24LA1024ADPTH
Description  Two-wire Serial EEPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24LA1024ADPTH Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE24LA1024ADPTH Datasheet HTML 1Page - ACE Technology Co., LTD. ACE24LA1024ADPTH Datasheet HTML 2Page - ACE Technology Co., LTD. ACE24LA1024ADPTH Datasheet HTML 3Page - ACE Technology Co., LTD. ACE24LA1024ADPTH Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24LA1024ADPTH Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24LA1024ADPTH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24LA1024ADPTH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24LA1024ADPTH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24LA1024ADPTH Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
ACE24LA1024A
Two-wire Serial EEPROM
VER 1.3
3
Block Diagram
Pin Descriptions
Device/Page Addresses (A2, A1 and A0):
The A2, A1 and A0 pins are device address inputs that are hard wire for the ACE24LA1024A. Eight 256K
devices may be addressed on a single bus system (device addressing is discussed in detail under the
Device Addressing section).
Serial Data (SDA):
The SDA pin is bi-directional for serial data transfer. This pin is open-drain driven and may be wire-ORed
with any number of other open-drain or open- collector devices.
Serial Clock (SCL):
The SCL input is used to positive edge clock data into each EEPROM device and negative edge clock
data out of each device.
Write Protect (WP):
The ACE24LA1024A has a Write Protect pin that provides hardware data protection.
The Write Protect pin allows normal read/write operations when connected to ground (GND). When the
Write Protection pin is connected to Vcc, the write protection feature is enabled and operates as shown in
the following Table 1.
Table1. Write Protect
WP Pin Status
ACE24LA1024A
At VCC
Full (1024K) Array
At GND
Normal Read / Write Operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com