Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE24LA1024ADPTH Datasheet(PDF) 6 Page - ACE Technology Co., LTD.

Part # ACE24LA1024ADPTH
Description  Two-wire Serial EEPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24LA1024ADPTH Datasheet(HTML) 6 Page - ACE Technology Co., LTD.

Back Button ACE24LA1024ADPTH Datasheet HTML 2Page - ACE Technology Co., LTD. ACE24LA1024ADPTH Datasheet HTML 3Page - ACE Technology Co., LTD. ACE24LA1024ADPTH Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24LA1024ADPTH Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24LA1024ADPTH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24LA1024ADPTH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24LA1024ADPTH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24LA1024ADPTH Datasheet HTML 9Page - ACE Technology Co., LTD. ACE24LA1024ADPTH Datasheet HTML 10Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
ACE24LA1024A
Two-wire Serial EEPROM
VER 1.3
6
Device Addressing
The 1M EEPROM devices all require an 8-bit device address word following a start condition to enable
the chip for a read or write operation (see Figure 4)
The device address word consists of a mandatory "1", "0" sequence for the first four most significant bits
as shown. This is common to all the Serial EEPROM devices.
The 1M EEPROM uses A2 and A1 device address bits to allow as much as eight devices on the same
bus. These 3 bits must be compared to their corresponding hardwired input pins. The A2 and A1 pins use
an internal proprietary circuit that biases them to a logic low condition if the pins are allowed to float.
The eighth bit of the device address is the read/write operation select bit. A read operation is initiated if
this bit is high and a write operation is initiated if this bit is low.
Upon a compare of the device address, the EEPROM will output a "0". If a compare is not made, the chip
will return to a standby state.
Figure 4: Device Address and two 8-bit data word address
DATA SECURITY: The ACE24LA1024A has a hardware data protection scheme that allows the user to
write protect the entire memory when the WP pin is at VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com