Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE24LA1024ADPTH Datasheet(PDF) 8 Page - ACE Technology Co., LTD.

Part # ACE24LA1024ADPTH
Description  Two-wire Serial EEPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24LA1024ADPTH Datasheet(HTML) 8 Page - ACE Technology Co., LTD.

Back Button ACE24LA1024ADPTH Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24LA1024ADPTH Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24LA1024ADPTH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24LA1024ADPTH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24LA1024ADPTH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24LA1024ADPTH Datasheet HTML 9Page - ACE Technology Co., LTD. ACE24LA1024ADPTH Datasheet HTML 10Page - ACE Technology Co., LTD. ACE24LA1024ADPTH Datasheet HTML 11Page - ACE Technology Co., LTD. ACE24LA1024ADPTH Datasheet HTML 12Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
ACE24LA1024A
Two-wire Serial EEPROM
VER 1.3
8
The data word address lower eight bits are internally incremented following the receipt of each data word.
The higher data word address bits are not incremented, retaining the memory page row location. When
the word address, internally generated, reaches the page boundary, the following byte is placed
at the beginning of the same page. If more than 256 data words are transmitted to the EEPROM, the data
word address will "roll over" and previous data will be overwritten.
Write Identification Page:
The Identification Page (256 bytes) is an additional page which can be written and (later) permanently
locked in Read-only mode. It is written by issuing the Write Identification Page instruction. This instruction
uses the same protocol and format as Page Write (into memory array), except for the following
differences:
Device type identifier = 1011b
MSB address bits B16/B8 are don't care except for address bit B10 which must be "0".
LSB address bits B7/B0 define the byte address inside the Identification page.
If the Identification page is locked, the data bytes transferred during the Write Identification Page
instruction are not acknowledged (NoAck).
Acknowledge Polling:
Once the internally timed write cycle has started and the EEPROM inputs are disabled, acknowledge
polling can be initiated. This involves sending a start condition followed by the device address word. The
read/write bit is representative of the operation desired. Only if the internal write cycle has completed will
the EEPROM respond with a "0", allowing the read or write sequence to continue.
Read Operations
Read operations are initiated the same way as write operations with the exception that the read/write
select bit in the device address word is set to "1". There are three read operations: current address read,
random address read and sequential read.
Current Address Read:
The internal data word address counter maintains the last address accessed during the last read or write
operation, incremented by one. This address stays valid between operations as long as the chip power is
maintained. The address "roll over" during read is from the last byte of the last memory page to the first
byte of the first page. The address "roll over" during write is from the last byte of the current page to the
first byte of the same page. Once the device address with the read/write select bit set to "1" is clocked in
and acknowledged by the EEPROM, the current address data word is serially clocked out. The
microcontroller does not respond with an input "0" but does generate a following stop condition (see
Figure 7).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com