Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25AA160GFMLTH Datasheet(PDF) 26 Page - ACE Technology Co., LTD.

Part # ACE25AA160GFMLTH
Description  Serial NOR Flash Memory 3.0V Multi I/O with 4KB,32KB & 64KB Sector/Block Erase
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AA160GFMLTH Datasheet(HTML) 26 Page - ACE Technology Co., LTD.

Back Button ACE25AA160GFMLTH Datasheet HTML 22Page - ACE Technology Co., LTD. ACE25AA160GFMLTH Datasheet HTML 23Page - ACE Technology Co., LTD. ACE25AA160GFMLTH Datasheet HTML 24Page - ACE Technology Co., LTD. ACE25AA160GFMLTH Datasheet HTML 25Page - ACE Technology Co., LTD. ACE25AA160GFMLTH Datasheet HTML 26Page - ACE Technology Co., LTD. ACE25AA160GFMLTH Datasheet HTML 27Page - ACE Technology Co., LTD. ACE25AA160GFMLTH Datasheet HTML 28Page - ACE Technology Co., LTD. ACE25AA160GFMLTH Datasheet HTML 29Page - ACE Technology Co., LTD. ACE25AA160GFMLTH Datasheet HTML 30Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 46 page
background image
ACE25AA160G
Serial NOR Flash Memory 3.0V Multi I/O with 4KB,32KB & 64KB Sector/Block Erase
VER 1.2
26
Chip Erase (CE) (60/C7H)
The Chip Erase (CE) command is for erasing the all data of the chip. A Write Enable (WREN) command
must previously have been executed to set the Write Enable Latch (WEL) bit .The Chip Erase (CE)
command is entered by driving CS# Low, followed by the command code on Serial Data Input (SI). CS#
must be driven Low for the entire duration of the sequence.
The Chip Erase command sequence: CS# goes low→send Chip Erase command→CS# goes high. The
command sequence is shown in Figure18. CS# must be driven high after the eighth bit of the command
code has been latch in, otherwise the Chip Erase command is not executed. As soon as CS# is driven
high, the self-timed Chip Erase cycle (whose duration is tCE) is initiated. While the Chip Erase cycle is in
progress, the Status Register may be read to check the value of the Write In Progress (WIP) bit. The Write
In Progress (WIP) bit is 1 during the self-timed Chip Erase cycle, and is 0 when it is completed. At some
unspecified time before the cycle is completed, the Write Enable Latch (WEL) bit is reset. The Chip Erase
(CE) command is executed if the Block protected by (BP2, BP1, BP0) bits. The Chip Erase(CE) command
is ignored if one or more sectors are protected.
Deep Power-Down (DP) (B9H)
Executing the Deep Power-Down (DP) command is the only way to put the device in the lowest
consumption mode (the Deep Power-Down Mode). It can also be used as an extra software protection
mechanism, while the device is not in active use, since in this mode, the device ignores all Write, Program
and Erase commands. Driving CS# high deselects the device, and puts the device in the Standby Mode (if
there is no internal cycle currently in progress). But this mode is not the Deep Power-Down Mode. The
Deep Power-Down Mode can only be entered by executing the Deep Power-Down (DP) command. Once
the device has entered the Deep Power- Down Mode, all commands are ignored except the Release from
Deep Power-Down and Read Device ID (RDI) command. This releases the device from this mode. The
Release from Deep Power-Down and Read Device ID (RDI) command also allows the Device ID of the
device to be output on SO.
The Deep Power-Down Mode automatically stops at Power-Down, and the device always Power-Up in
the Standby Mode. The Deep Power-Down (DP) command is entered by driving CS# low, followed by the
command code on SI. CS# must be driven low for the entire duration of the sequence.
Figure18. Chip Erase Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com