Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25AA160GFMLTH Datasheet(PDF) 40 Page - ACE Technology Co., LTD.

Part # ACE25AA160GFMLTH
Description  Serial NOR Flash Memory 3.0V Multi I/O with 4KB,32KB & 64KB Sector/Block Erase
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AA160GFMLTH Datasheet(HTML) 40 Page - ACE Technology Co., LTD.

Back Button ACE25AA160GFMLTH Datasheet HTML 36Page - ACE Technology Co., LTD. ACE25AA160GFMLTH Datasheet HTML 37Page - ACE Technology Co., LTD. ACE25AA160GFMLTH Datasheet HTML 38Page - ACE Technology Co., LTD. ACE25AA160GFMLTH Datasheet HTML 39Page - ACE Technology Co., LTD. ACE25AA160GFMLTH Datasheet HTML 40Page - ACE Technology Co., LTD. ACE25AA160GFMLTH Datasheet HTML 41Page - ACE Technology Co., LTD. ACE25AA160GFMLTH Datasheet HTML 42Page - ACE Technology Co., LTD. ACE25AA160GFMLTH Datasheet HTML 43Page - ACE Technology Co., LTD. ACE25AA160GFMLTH Datasheet HTML 44Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 46 page
background image
ACE25AA160G
Serial NOR Flash Memory 3.0V Multi I/O with 4KB,32KB & 64KB Sector/Block Erase
VER 1.2
40
tRES1
CS# High To Standby Mode Without Electronic
Signature Read
0.1
us
tRES2
CS# High To Standby Mode With Electronic
Signature Read
0.1
us
tHSM
CS# High To High Speed mode
0.1
us
tSUS
CS# High To Next Command After Suspend
2
us
tRST_R
CS# High To Next Command After Reset
(from read)
20
us
tRST_P
CS# High To Next Command After Reset
(from program)
20
us
tRST_E
CS# High To Next Command After Reset
(from erase)
12
ms
tW
Write Status Register Cycle Time
60
500
ms
tPP
Page Programming Time
0.4
0.7
ms
tSE
Sector Erase Time
100
600
ms
tBE
Block Erase Time(32K Bytes/64K Bytes)
0.15/0.25
0.8/1.2
s
tCE
Chip Erase Time
6
20
s
Max Value 4KB tSE with<50K cycles is 180ms and >50K & <100k cycles is 600ms.
Max Value 32KB tBE with<50K cycles is 0.3s and >50K & <100k cycles is 0.8s.
Max Value 64KB tBE with<50K cycles is 0.5s and >50K & <100k cycles is 1.2s.
The value guaranteed by characterization, not 100% tested in production.
Figure32. Serial Input Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com