Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25AA160GFMLTH Datasheet(PDF) 29 Page - ACE Technology Co., LTD.

Part # ACE25AA160GFMLTH
Description  Serial NOR Flash Memory 3.0V Multi I/O with 4KB,32KB & 64KB Sector/Block Erase
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AA160GFMLTH Datasheet(HTML) 29 Page - ACE Technology Co., LTD.

Back Button ACE25AA160GFMLTH Datasheet HTML 25Page - ACE Technology Co., LTD. ACE25AA160GFMLTH Datasheet HTML 26Page - ACE Technology Co., LTD. ACE25AA160GFMLTH Datasheet HTML 27Page - ACE Technology Co., LTD. ACE25AA160GFMLTH Datasheet HTML 28Page - ACE Technology Co., LTD. ACE25AA160GFMLTH Datasheet HTML 29Page - ACE Technology Co., LTD. ACE25AA160GFMLTH Datasheet HTML 30Page - ACE Technology Co., LTD. ACE25AA160GFMLTH Datasheet HTML 31Page - ACE Technology Co., LTD. ACE25AA160GFMLTH Datasheet HTML 32Page - ACE Technology Co., LTD. ACE25AA160GFMLTH Datasheet HTML 33Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
ACE25AA160G
Serial NOR Flash Memory 3.0V Multi I/O with 4KB,32KB & 64KB Sector/Block Erase
VER 1.2
29
Read Identification (RDID) (9FH)
The Read Identification (RDID) command allows the 8-bit manufacturer identification to be read, followed
by two bytes of device identification. The device identification indicates the memory type in the first byte,
and the memory capacity of the device in the second byte. Any Read Identification (RDID) command
while an Erase or Program cycle is in progress, is not decoded, and has no effect on the cycle that is in
progress. The Read identification (RDID) command should not be issued while the device is in Deep
Power-Down Mode.
The device is first selected by driving CS# to low. Then, the 8-bit command code for the command is
shifted in. This is followed by the 24-bit device identification, stored in the memory, being shifted out on
Serial Data Output, each bit being shifted out during the falling edge of Serial Clock. The command
sequence is shown in Figure22. The Read Identification (RDID) command is terminated by driving CS# to
high at any time during data output. When CS# is driven high, the device is put in the Standby Mode.
Once in the Standby Mode, the device waits to be selected, so that it can receive, decode and execute
commands.
High Speed Mode(HSM)(A3H)
The High Speed Mode (HSM) command must be executed prior to Dual or Quad I/O commands when
operating at high frequencies (see fR and fC1 in AC Electrical Characteristics). This command allows
pre-charging of internal charge pumps so the voltages required for accessing the flash memory array are
readily available. The command sequence: CS# goes low Sending A3H command Sending 3-dummy
byte CS# goes high. See Figure23. After the HSM command is executed, the device will maintain a
slightly higher standby current (ICC8) than standard SPI operation. The Release from Power-Down or
HSM command (ABH) can be used to return to standard SPI standby current (ICC1). In addition, Write
Enable command (06H) and Power-Down command (B9H) will also release the device from HSM mode
back to standard SPI standby state.
Figure22. Read Identification ID Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com