Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25AB400GFMTH Datasheet(PDF) 6 Page - ACE Technology Co., LTD.

Part # ACE25AB400GFMTH
Description  Serial NOR Flash Memory 4M bits 3.0V Dual I/O Serial Flash Memory with 4KB Uniform Sector
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AB400GFMTH Datasheet(HTML) 6 Page - ACE Technology Co., LTD.

Back Button ACE25AB400GFMTH Datasheet HTML 2Page - ACE Technology Co., LTD. ACE25AB400GFMTH Datasheet HTML 3Page - ACE Technology Co., LTD. ACE25AB400GFMTH Datasheet HTML 4Page - ACE Technology Co., LTD. ACE25AB400GFMTH Datasheet HTML 5Page - ACE Technology Co., LTD. ACE25AB400GFMTH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE25AB400GFMTH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25AB400GFMTH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25AB400GFMTH Datasheet HTML 9Page - ACE Technology Co., LTD. ACE25AB400GFMTH Datasheet HTML 10Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
ACE25AB400G
Serial NOR Flash Memory 4M bits 3.0V Dual I/O Serial Flash Memory with 4KB Uniform Sector
VER 1.1
6
Commands Description
All commands, addresses and data are shifted in and out of the device, beginning with the most
significant bit on the first rising edge of SCLK after CS# is driven low. Then, the one-byte command code
must be shifted in to the device, most significant bit first on SI, each bit being latched on the rising edges
of SCLK.
See Table 2, every command sequence starts with a one-byte command code. Depending on the
command, this might be followed by address bytes, or by data bytes, or by both or none. CS# must be
driven high after the last bit of the command sequence has been shifted in. For the command of Read,
Fast Read, Read Status Register or Release from Deep Power-Down, and Read Device ID, the shifted-in
command sequence is followed by a data-out sequence. CS# can be driven high after any bit of the
data-out sequence is being shifted out.
For the command of Page Program, Sector Erase, Block Erase, Chip Erase, Write Status Register, Write
Enable or Write Disable command, CS# must be driven high exactly at the byte boundary; otherwise the
command is rejected, and is not executed. That is CS# must be driven high when the number of clock
pulses after CS# be- ing driven low is an exact multiple of eight. For Page Program, if at any time the input
byte is not a full byte, nothing will happen and WEL will not be reset.
Table2. Commands
Command Name
Byte1
Byte2
Byte3
Byte4
Byte5
Byte6
n-Bytes
Write Enable
06H
Write Enable for
Volatile Status
Register
50H
Write Disable
04H
Read Status
Register
05H
(S7-S0)
(continuous)
Write Status
Register
01H
(S7-S0)
Read Data
03H
A23-A16
A15-A8
A7-A0
(D7-D0)
(Next byte) (continuous)
Fast Read
0BH
A23-A16
A15-A8
A7-A0
dummy
(D7-D0)
(continuous)
Dual Output Fast
Read
3BH
A23-A16
A15-A8
A7-A0
dummy
(D7-D0)(1) (continuous)
Dual I/O Fast Read
BBH
A23-A8(2)
A7-A0
M7-M0(2)
(D7-D0)(1)
(continuous)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com