Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25AB400GFMTH Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE25AB400GFMTH
Description  Serial NOR Flash Memory 4M bits 3.0V Dual I/O Serial Flash Memory with 4KB Uniform Sector
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AB400GFMTH Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE25AB400GFMTH Datasheet HTML 1Page - ACE Technology Co., LTD. ACE25AB400GFMTH Datasheet HTML 2Page - ACE Technology Co., LTD. ACE25AB400GFMTH Datasheet HTML 3Page - ACE Technology Co., LTD. ACE25AB400GFMTH Datasheet HTML 4Page - ACE Technology Co., LTD. ACE25AB400GFMTH Datasheet HTML 5Page - ACE Technology Co., LTD. ACE25AB400GFMTH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE25AB400GFMTH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25AB400GFMTH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25AB400GFMTH Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
ACE25AB400G
Serial NOR Flash Memory 4M bits 3.0V Dual I/O Serial Flash Memory with 4KB Uniform Sector
VER 1.1
1
Description
The ACE25AB400G Serial flash supports the standard Serial Peripheral Interface (SPI), and supports
the Dual SPI: Serial Clock, Chip Select, Serial Data I/O0 (SI), I/O1 (SO). The Dual I/O data is transferred
at a speed of 240Mbits/s.
Features
4M-bit Serial Flash
512 K-byte
256 bytes per programmable page
Standard , Dual SPI
Standard SPI: SCLK, CS#, SI, SO
Dual SPI: SCLK, CS#, IO0, IO1
Flexible Architecture
Sector of 4K-byte
Block of 32k-byte
Block of 64k-byte
Software Write Protection
Write protect all/portion of memory via soft- ware
Package Options
See 1.1 Available Ordering OPN
All Pb-free packages are compliant RoHS, Halo- gen-Free and REACH.
Temperature Range & Moisture Sensitivity Level
Industrial Level Temperature. (-40℃ to +85℃), MSL3
Low Power Consumption
20mA maximum active current
0.05uA maximum standby current
Single Power Supply Voltage: Full voltage range:2.7~3.6V
Support 128 bits Unique ID
Minimum 100,000 Program/Erase Cycle
High Speed Clock Frequency
120MHz for fast read with 30PF load
Dual I/O Data transfer up to 240Mbits/s
Program/Erase Speed
Page Program time: 1.0ms typical
Sector Erase time: 60ms typical
Block Erase time:0.3s/ 0.45s typical
Chip Erase time: 3.2s typical


Similar Part No. - ACE25AB400GFMTH

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE25AA128G ACE-ACE25AA128G Datasheet
3Mb / 71P
Serial NOR Flash Memory 128 Megabits 3.0V Quad I/O Serial Flash Memory with 4KB Uniform Sector
VER 1.1
ACE25AA128GFMLTH ACE-ACE25AA128GFMLTH Datasheet
3Mb / 71P
Serial NOR Flash Memory 128 Megabits 3.0V Quad I/O Serial Flash Memory with 4KB Uniform Sector
VER 1.1
ACE25AA128GFMLUH ACE-ACE25AA128GFMLUH Datasheet
3Mb / 71P
Serial NOR Flash Memory 128 Megabits 3.0V Quad I/O Serial Flash Memory with 4KB Uniform Sector
VER 1.1
ACE25AA128GFPTH ACE-ACE25AA128GFPTH Datasheet
3Mb / 71P
Serial NOR Flash Memory 128 Megabits 3.0V Quad I/O Serial Flash Memory with 4KB Uniform Sector
VER 1.1
ACE25AA128GFPUH ACE-ACE25AA128GFPUH Datasheet
3Mb / 71P
Serial NOR Flash Memory 128 Megabits 3.0V Quad I/O Serial Flash Memory with 4KB Uniform Sector
VER 1.1
More results

Similar Description - ACE25AB400GFMTH

ManufacturerPart #DatasheetDescription
logo
Micron Technology
N25Q00AA11GSF40F MICRON-N25Q00AA11GSF40F Datasheet
1Mb / 89P
Micron Serial NOR Flash Memory 3V, Multiple I/O, 4KB Sector Erase
N25Q064A13ESFA0F MICRON-N25Q064A13ESFA0F Datasheet
1Mb / 81P
Micron Serial NOR Flash Memory 3V, Multiple I/O, 4KB Sector Erase
N25Q512A13GSF40F MICRON-N25Q512A13GSF40F Datasheet
1Mb / 91P
Micron Serial NOR Flash Memory 3V, Multiple I/O, 4KB Sector Erase
N25Q032A11EF640F MICRON-N25Q032A11EF640F Datasheet
884Kb / 82P
Micron Serial NOR Flash Memory 1.8V, Multiple I/O, 4KB Sector Erase
logo
ACE Technology Co., LTD...
ACE25AA128G ACE-ACE25AA128G Datasheet
3Mb / 71P
Serial NOR Flash Memory 128 Megabits 3.0V Quad I/O Serial Flash Memory with 4KB Uniform Sector
VER 1.1
ACE25AA160G ACE-ACE25AA160G Datasheet
1Mb / 46P
Serial NOR Flash Memory 3.0V Multi I/O with 4KB,32KB & 64KB Sector/Block Erase
VER 1.2
ACE25AA320G ACE-ACE25AA320G Datasheet
2Mb / 67P
Serial NOR Flash Memory 3.0V Multi I/O with 4KB, 32KB & 64KB Sector/Block Erase
VER 1.2
ACE25AA400G ACE-ACE25AA400G Datasheet
2Mb / 49P
Serial NOR Flash Memory 4M bits 3.0V Quad I/O Serial Flash Memory with 4KB Uniform Sector
VER 1.3
ACE25AA640G ACE-ACE25AA640G Datasheet
2Mb / 65P
Serial NOR Flash Memory 3.0V Multi I/O with 4KB, 32KB & 64KB Sector/Block Erase
VER 1.1
ACE25AA800G ACE-ACE25AA800G Datasheet
2Mb / 50P
Serial NOR Flash Memory 3.0V Multi I/O with 4KB,32KB & 64KB Sector/Block Erase
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com