Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25AB400GFMTH Datasheet(PDF) 7 Page - ACE Technology Co., LTD.

Part # ACE25AB400GFMTH
Description  Serial NOR Flash Memory 4M bits 3.0V Dual I/O Serial Flash Memory with 4KB Uniform Sector
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AB400GFMTH Datasheet(HTML) 7 Page - ACE Technology Co., LTD.

Back Button ACE25AB400GFMTH Datasheet HTML 3Page - ACE Technology Co., LTD. ACE25AB400GFMTH Datasheet HTML 4Page - ACE Technology Co., LTD. ACE25AB400GFMTH Datasheet HTML 5Page - ACE Technology Co., LTD. ACE25AB400GFMTH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE25AB400GFMTH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25AB400GFMTH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25AB400GFMTH Datasheet HTML 9Page - ACE Technology Co., LTD. ACE25AB400GFMTH Datasheet HTML 10Page - ACE Technology Co., LTD. ACE25AB400GFMTH Datasheet HTML 11Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
ACE25AB400G
Serial NOR Flash Memory 4M bits 3.0V Dual I/O Serial Flash Memory with 4KB Uniform Sector
VER 1.1
7
Command Name
Byte1
Byte2
Byte3
Byte4
Byte5
Byte6
n-Bytes
Continuous read
reset
FFH
Page Program
02H
A23-A16
A15-A8
A7-A0
(D7-D0)
(Next byte)
Sector Erase
20H
A23-A16
A15-A8
A7-A0
Block Erase(32KB)
52H
A23-A16
A15-A8
A7-A0
Block Erase(64KB)
D8H
A23-A16
A15-A8
A7-A0
Chip Erase
C7/60H
Deep Power-Down
B9H
Release From Deep
Power-Down, and
Read Device ID
ABH
dummy
dummy
dummy
(DID7-DID0)
(continuous)
Release From Deep
Power-Down
ABH
Read
Manufacturer/Device
ID
90H
dummy
dummy
00H
(MID7-
MID0)
(DID7-DID0) (continuous)
Read Identification
9FH
(MID7-
MID0)
(JDID15-
JDID8)
(JDID7-
JDID0)
(continuous)
Read Unique ID
4BH
00H
00H
00H
00H
(D7-D0)
Read SFDP
5AH
Erase Security
Register
44H
A23-A16
A15-A8
A7-A0
Program Security
Register
42H
A23-A16
A15-A8
A7-A0
(D7-D0)
(Next byte)
Read Security
Register
48H
A23-A16
A15-A8
A7-A0
dummy
(D7-D0)
Enable Reset
66H
Reset
99H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com