Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDLA-1414 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HDLA-1414
Description  Four Character Smart Alphanumeric Displays
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDLA-1414 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HDLA-1414 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDLA-1414 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDLA-1414 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDLA-1414 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDLA-1414 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDLA-1414 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDLA-1414 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDLA-1414 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HDLA-1414 Datasheet HTML 10Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
AC Timing Characteristics over Operating
Temperature Range at VDD = 4.5 V
Parameter
Symbol
Min.
Units
Address Setup
tAS
10
ns
Address Hold
tAH
40
ns
Data Setup
tDS
50
ns
Data Hold
tDH
40
ns
Write Time
tW
75
ns
Enlarged Character Font
Timing Diagram
tAS
tW
tAH
2.0 V
0.8 V
2.0 V
0.8 V
2.0 V
0.8 V
tDS
tDH
A0 – A1
WR
D0 – D6
0.51 (0.020)
TYP.
3.61 (0.142)
TYP.
0.56 (0.022)
TYP.
0.25 (0.010)
TYP.
2.29 (0.090)
TYP.
NOTES:
1. UNLESS OTHERWISE SPECIFIED, THE
TOLERANCE ON ALL DIMENSIONS
IS ± 0.254 mm (0.010").
2. DIMENSIONS ARE IN MILLIMETERS (INCHES).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com