Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDLA-1414 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HDLA-1414
Description  Four Character Smart Alphanumeric Displays
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDLA-1414 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HDLA-1414 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDLA-1414 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDLA-1414 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDLA-1414 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDLA-1414 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDLA-1414 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDLA-1414 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDLA-1414 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDLA-1414 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Four Character Smart
Alphanumeric Displays
HDLX-1414 Series
Technical Data
Features
• Dot Matrix Replacement of
HPDL-1414
• Smart Alphanumeric Display
Built-in RAM, ASCII
Decoder, and LED Drive
Circuitry
• 128 ASCII Character Set
• End Stackable
• Categorized for Luminous
Intensity; Yellow and Green
Categorized for Color
• Low Power and Sunlight
Viewable AlGaAs Versions
• Wide Viewing Angle
(50˚ Typical)
Description
These are 3.7 mm (0.145 inch)
four character 5 x 7 dot matrix
displays driven by an on-board
CMOS IC. These displays are pin
for pin compatible with the
HPDL-1414. The IC stores and
decodes 7-bit ASCII data and
displays it in an easy to read
5 x 7 font. Multiplexing and LED
drive circuitry is also included in
the display, and fast setup and
hold times allow it to interface
easily with common
microprocessors.
The address and data inputs can
be directly connected to
microprocessor address and data
buses.
The HDLX-1414 offers a larger
character set than the
HPDL-1414. Lower case letters
and special symbols are now
offered, made possible by the
5 x 7 dot matrix character layout.
The difference between the
sunlight viewable HDLS-1414 and
the low power HDLU-1414 lies in
the brightness level. The sunlight
viewable version is internally set
to provide high intensity
characters. The low power
version uses the same bright LED
technology, but reduces the
current through each LED to a
much lower level, and maintains
an intensity comparable to the
HDLO-1414.
ESD Warning: Standard CMOS Handling Precautions should be observed with
the HDLX-1414.
Devices
AlGaAs Red
High Efficiency Red
Orange
Yellow
Green
HDLS-1414 (sun. view.)
HDLO-1414
HDLA-1414
HDLY-1414
HDLG-1414
HDLU-1414 (low power)


Similar Part No. - HDLA-1414

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDLA-1414 AVAGO-HDLA-1414 Datasheet
277Kb / 9P
Four Character Smart Alphanumeric Displays
More results

Similar Description - HDLA-1414

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDLX-2416 HP-HDLX-2416 Datasheet
337Kb / 12P
Four Character 5.0 mm (0.2 inch) Smart 5 x 7 Alphanumeric Displays
HPDL-1414 HP-HPDL-1414 Datasheet
327Kb / 12P
Four Character Smart Alphanumeric Displays
HDLX-3461 HP-HDLX-3461 Datasheet
116Kb / 12P
Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDLX-1414 AVAGO-HDLX-1414 Datasheet
288Kb / 9P
Four Character Smart Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HPDL-1414 HP-HPDL-1414_00 Datasheet
193Kb / 8P
Four Character Smart Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDLO-3416 AVAGO-HDLO-3416_12 Datasheet
292Kb / 12P
Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
HDLS-2416 AVAGO-HDLS-2416_13 Datasheet
234Kb / 12P
Four Character 5.0 mm (0.2 inch) Smart 5x7 Alphanumeric Displays
HDLX-1414 AVAGO-HDLX-1414_12 Datasheet
277Kb / 9P
Four Character Smart Alphanumeric Displays
logo
Broadcom Corporation.
HDLX-2416 BOARDCOM-HDLX-2416 Datasheet
613Kb / 18P
Four Character 5.0 mm (0.2 inch) Smart 5횞7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDLX-3416 AVAGO-HDLX-3416 Datasheet
292Kb / 12P
Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com