Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDLA-1414 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HDLA-1414
Description  Four Character Smart Alphanumeric Displays
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDLA-1414 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HDLA-1414 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDLA-1414 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDLA-1414 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDLA-1414 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDLA-1414 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDLA-1414 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDLA-1414 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDLA-1414 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HDLA-1414 Datasheet HTML 10Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
Display Internal Block
Diagram
Figure 2 shows the HDLX-1414
display internal block diagram.
The CMOS IC consists of a 4 x 7
Character RAM, a 128-character
ASCII decoder and the refresh
circuitry necessary to
synchronize the decoding and
driving of four 5 x 7 dot matrix
characters.
Four 7-bit ASCII words are stored
in the Character RAM. The IC
reads the ASCII data and decodes
it vita the 128-character ASCII
decoder. This decoder includes
the 64-character set of the HPDL-
1414, 32 lower case ASCII
symbols, and 32 foreign language
symbols.
Electrical Description
Pin Function
Description
\Write
WR must be logic 0 to store data in the
(\WR, pin 3)
display.
Address Inputs
A0 and A1 select a specific location in the
(A1 and A0, pins
display memory. Address 00 accesses the far
4 and 5)
right character, and address 11 accesses the
far left position.
VDD
VDD is the positive power supply input.
(pin 6)
Ground
Ground is the display ground.
(GND, pin 7)
Data Inputs
D0–D6 are used to specify the input data
(D0–D6, pins 1,
for the display.
2, 8-12)
Data Entry
Figure 1 shows a truth table for
the HDLX-1414 display. Address
inputs A0 and A1 are used to
select the digit location in the
display. When A0 and A1 are both
logic low, data is loaded into the
right most character.
Data inputs D0–D6 are used to
load information into the display.
Data is latched into the given
character address on the rising
edge of the \WR signal. Data and
Address inputs must be held
stable during the write cycle to
ensure that correct data is stored
in the display.
Mechanical and Electrical
Considerations
The HDLX-1414 is a 12-pin DIP
package that can be stacked to
create a character array of any
size. The display is designed to
operate reliably in –40˚C to
+85˚C ambient temperatures.
The HDLX-1414 is assembled by
die attaching and wire bonding
140 LEDs and a CMOS IC to a
high temperature printed circuit
board. A polycarbonate lens is
placed over the PC board,
creating a protective air gap over
the LED wire bonds. Backfill
epoxy environmentally seals the
display package. This package
construction makes the display
highly tolerant to temperature
cycling and allows wave
soldering.
ESD and Latchup
Protection
The inputs to the CMOS IC are
protected against static discharge
and input current latchup.
However, for best results,
standard CMOS handling
precautions should be used. Prior
to use, the HDLX-1414 should be
stored in antistatic tubes or
conductive material. During
assembly a grounded conductive
work area should be used, and
assembly personnel should wear
conductive wrist straps. Lab
coats made of synthetic material
should be avoided since they are
prone to static charge build-up.
Input current latchup can be
caused when the CMOS inputs
are subjected either to a voltage
below ground (Vin < ground) or
higher than VDD (Vin > VDD) and
when a high current is forced into
the input. To prevent input
current latchup and ESD damage,
unused inputs should be
connected either to ground or to
VDD. Voltages should not be
\
WR
A1
A0
D6
D5
D4
D3
D2
D1
D0
Function
1
X
X
X
X
X
X
X
X
X
No Change
0
0
0
Digit 0 ASCII Data (Right Most
Character)
0
0
1
Digit 1 ASCII Data
0
1
0
Digit 2 ASCII Data
0
1
1
Digit 3 ASCII Data (Left Most
Character)
Figure 1. Display Truth Table
0 = Logic 0; 1 = Logic 1; X = Do Not Care.
Write to
Character
RAM



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com