Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NGR Datasheet(PDF) 2 Page - Vishay Siliconix

Part # NGR
Description  Reliable Neutral Grounding Resistors, High Current Grid Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NGR Datasheet(HTML) 2 Page - Vishay Siliconix

  NGR Datasheet HTML 1Page - Vishay Siliconix NGR Datasheet HTML 2Page - Vishay Siliconix NGR Datasheet HTML 3Page - Vishay Siliconix NGR Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NGR
www.vishay.com
Vishay Milwaukee
Revision: 27-Feb-18
2
Document Number: 31873
For technical questions, contact: vishaymilwaukeeresistor@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DETAILED PRODUCT RATINGS - AVAILABLE VOLTAGE AND CURRENT VALUES
GLOBAL MODEL
HISTORICAL
MODEL
SYSTEM
VOLTAGE
(kV)
LINE-NEUTRAL
VOLTAGE
(kV)
CURRENT
(A)
RESISTANCE
(
)
DIMENSIONS (inches)
AB
C
5 kV VOLTAGE CLASS
NGR1390K0100B00000
MRC13100
2.4
1.39
100
13.9
36
36
34
NGR1390K0200B00000
MRC13200
2.4
1.39
200
6.95
36
36
34
NGR1390K0300B00000
MRC13300
2.4
1.39
300
4.63
36
36
34
NGR1390K0400B00000
MRC13400
2.4
1.39
400
3.48
36
36
34
NGR1390K0500B00000
MRC13500
2.4
1.39
500
2.78
36
36
34
NGR1390K0600B00000
MRC13600
2.4
1.39
600
2.32
36
36
34
NGR1390K0800B00000
MRC13800
2.4
1.39
800
1.74
36
36
48
NGR1390K1000B00000
MRC131000
2.4
1.39
1000
1.39
36
36
48
5 kV VOLTAGE CLASS
NGR2400K0100B00000
MRC24100
4.16
2.4
100
24.00
36
36
34
NGR2400K0200B00000
MRC24200
4.16
2.4
200
12.00
36
36
34
NGR2400K0300B00000
MRC24300
4.16
2.4
300
8.00
36
36
34
NGR2400K0400B00000
MRC24400
4.16
2.4
400
6.00
36
36
34
NGR2400K0500B00000
MRC24500
4.16
2.4
500
4.80
36
36
34
NGR2400K0600B00000
MRC24600
4.16
2.4
600
4.00
36
36
48
NGR2400K0800B00000
MRC24800
4.16
2.4
800
3.00
36
36
48
NGR2400K1000B00000
MRC241000
4.16
2.4
1000
2.40
36
36
48
5 kV VOLTAGE CLASS
NGR4160K0100B00000
MRC41100
7.20
4.16
100
41.60
36
36
34
NGR4160K0200B00000
MRC41200
7.20
4.16
200
20.80
36
36
34
NGR4160K0300B00000
MRC41300
7.20
4.16
300
13.87
36
36
34
NGR4160K0400B00000
MRC41400
7.20
4.16
400
10.40
36
36
48
NGR4160K0500B00000
MRC41500
7.20
4.16
500
8.32
36
36
48
NGR4160K0600B00000
MRC41600
7.20
4.16
600
6.93
36
36
48
NGR4160K0800B00000
MRC41800
7.20
4.16
800
5.20
36
36
63
NGR4160K1000B00000
MRC411000
7.20
4.16
1000
4.16
36
36
63
15 kV VOLTAGE CLASS
NGR7200K0100B00000
MRC72100
12.47
7.2
100
72
42
48
48
NGR7200K0200B00000
MRC72200
12.47
7.2
200
36
42
48
48
NGR7200K0300B00000
MRC72300
12.47
7.2
300
24
42
48
48
NGR7200K0400B00000
MRC72400
12.47
7.2
400
18
42
48
63
NGR7200K0500B00000
MRC72500
12.47
7.2
500
14.4
42
48
63
NGR7200K0600B00000
MRC72600
12.47
7.2
600
12
84
48
48
NGR7200K0800B00000
MRC72800
12.47
7.2
800
9
84
48
63
NGR7200K1000B00000
MRC721000
12.47
7.2
1000
7.2
84
48
63
15 kV VOLTAGE CLASS
NGR7620K0100B00000
MRC76100
13.2
7.62
100
76
42
48
48
NGR7620K0200B00000
MRC76200
13.2
7.62
200
38.1
42
48
48
NGR7620K0300B00000
MRC76300
13.2
7.62
300
25.4
42
48
48
NGR7620K0400B00000
MRC76400
13.2
7.62
400
19
42
48
63
NGR7620K0500B00000
MRC76500
13.2
7.62
500
15.2
84
48
48
NGR7620K0600B00000
MRC76600
13.2
7.62
600
12.7
84
48
48
NGR7620K0800B00000
MRC76800
13.2
7.62
800
9.5
84
48
63
NGR7620K1000B00000
MRC761000
13.2
7.62
1000
7.6
84
48
63
15 kV VOLTAGE CLASS
NGR8000K0100B00000
MRC80100
13.8
8
100
80
42
48
48
NGR8000K0200B00000
MRC80200
13.8
8
200
40
42
48
48
NGR8000K0300B00000
MRC80300
13.8
8
300
26.7
42
48
48
NGR8000K0400B00000
MRC80400
13.8
8
400
20
42
48
63
NGR8000K0500B00000
MRC80500
13.8
8
500
16
42
48
48
NGR8000K0600B00000
MRC80600
13.8
8
600
13.6
42
48
48
NGR8000K0800B00000
MRC80800
13.8
8
800
10
42
48
63
NGR8000K1000B00000
MRC801000
13.8
8
1000
8
-
-
-



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com