Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NGR Datasheet(PDF) 3 Page - Vishay Siliconix

Part # NGR
Description  Reliable Neutral Grounding Resistors, High Current Grid Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NGR Datasheet(HTML) 3 Page - Vishay Siliconix

  NGR Datasheet HTML 1Page - Vishay Siliconix NGR Datasheet HTML 2Page - Vishay Siliconix NGR Datasheet HTML 3Page - Vishay Siliconix NGR Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NGR
www.vishay.com
Vishay Milwaukee
Revision: 27-Feb-18
3
Document Number: 31873
For technical questions, contact: vishaymilwaukeeresistor@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• See “Standard Product Ratings” table for product specific dimensions
DIMENSIONS
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
RESISTOR CHARACTERISTICS
Resistance tolerance
%
10
Operating temperature
°C
-55 to +760
Maximum working voltage
kV
0.6 to 15 (product dependent)
MATERIAL SPECIFICATIONS
Resistive element
Stainless steel
Element insulators
Ceramic
Enclosure
Steel (stainless steel upon request)
High voltage insulation
Porcelain
GLOBAL PART NUMBER INFORMATION
Global Part Numbering example: NGR8000K1000BZZZZZ (NGR-ZZZZZ 8000 V 1000 A 10 % B)
N
G
R
8000
K
100
0
B
Z
ZZZZ
MODEL
(3 digits)
VALUE
(4 digits)
TOLERANCE
(1 digit)
SIZE
(4 digit)
PACKAGING
(1 digit)
SPECIAL
(5 digits)
NGR
1390 = 1390 V line-neutral
2400 = 2400 V line-neutral
4160 = 4160 V line-neutral
7200 = 7200 V line-neutral
7620 = 7620 V line-neutral
8000 = 8000 V line-neutral
K = ± 10 %
K = standard for all
types and values
0400 = 400 A
1000 = 1000 A
B = bulk
D = wood crated
R = international, heavy
duty and plastic skids
B = standard for all types
and values
Allowable range 00000 to
ZZZZZ
alphanumeric
Engineering controlled
internal document number
Front view
Right side view
A
B
C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com