Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NGR Datasheet(PDF) 1 Page - Vishay Siliconix

Part # NGR
Description  Reliable Neutral Grounding Resistors, High Current Grid Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NGR Datasheet(HTML) 1 Page - Vishay Siliconix

  NGR Datasheet HTML 1Page - Vishay Siliconix NGR Datasheet HTML 2Page - Vishay Siliconix NGR Datasheet HTML 3Page - Vishay Siliconix NGR Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NGR
www.vishay.com
Vishay Milwaukee
Revision: 27-Feb-18
1
Document Number: 31873
For technical questions, contact: vishaymilwaukeeresistor@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Reliable Neutral Grounding Resistors, High Current Grid Resistors
FEATURES
• Tied live design so that there are no floating
voltages in the assembly
• Rugged shock resistant IP23 rated enclosures
available environmental protection
• Lifting eyes allow safe and easy installation
• Stainless steel resistive elements
• High thermal capacity to absorb high currents
• Can be designed for specific applications
• Custom design on demand
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS OF NEUTRAL GROUNDING (NEUTRAL EARTHING)
Vishay Milwaukee resistor offers a complete line of custom and standard neutral grounding resistors (NGRs), also known as
neutral earthing resistors (NERs). Milwaukee resistor neutral grounding resistors are designed to absorb a large amount of
energy without exceeding temperature limitations defined in IEEE-32. These resistors are used for grounding of generators and
transformers in wye configurations for ground fault, overvoltage, and short circuit protection.
CONTACT THE FACTORY FOR CUSTOM DESIGN AND OPTIONS FOR STANDARD DESIGNS
Options include: current transformers, enclosure style and entrance location, enclosure stands, disconnects, bushings, etc.
For custom designs please include: system voltage, line-neutral voltage, max. on-time, current rating
CSA CODE SPECIAL INSPECTION AVAILABLE UPON REQUEST
An independent, not-for-profit, member-based association dedicated to advancing safety, sustainability, and social good, the
CSA Group is an internationally accredited standards development, testing, and certification organization. By offering CSA code
special inspection for its NGR series of neutral ground resistors, Vishay allows its customers to take advantage of one-time
verification programs that help them get products to the market quickly and safely when certification is not practical.
Note
• Per IEEE-32, standard NGRs are designed for a maximum on-time of 10 s and a maximum temperature rise of 760 °C
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
SYSTEM VOLTAGE
(kV)
LINE-NEUTRAL
VOLTAGE
(kV)
CURRENT
(A)
RESISTANCE
VALUE
TOLERANCE
± %
NGR1390
2.4
1.39
100 to 1000
1.39 to 13.9
10
NGR2400
4.16
2.4
100 to 1000
2.40 to 24.00
10
NGR4160
7.20
4.16
100 to 1000
4.16 to 41.60
10
NGR7200
12.47
7.2
100 to 1000
7.2 to 72
10
NGR7620
13.2
7.62
100 to 1000
7.6 to 76
10
NGR8000
13.8
8
100 to 1000
8 to 80
10
CONTACT INFORMATION
For design assistance, contact: vishaymilwaukeeresistor@vishay.com or +1-888-616-6666


Similar Part No. - NGR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
NGR LITTELFUSE-NGR Datasheet
989Kb / 6P
NGR SERIES – CANADA , Neutral Grounding Resistor System
2019 Rev: 1-B-050420
NGR1036 LITTELFUSE-NGR1036 Datasheet
989Kb / 6P
NGR SERIES – CANADA , Neutral Grounding Resistor System
2019 Rev: 1-B-050420
NGR1038 LITTELFUSE-NGR1038 Datasheet
989Kb / 6P
NGR SERIES – CANADA , Neutral Grounding Resistor System
2019 Rev: 1-B-050420
NGR1041 LITTELFUSE-NGR1041 Datasheet
989Kb / 6P
NGR SERIES – CANADA , Neutral Grounding Resistor System
2019 Rev: 1-B-050420
NGR1045 LITTELFUSE-NGR1045 Datasheet
989Kb / 6P
NGR SERIES – CANADA , Neutral Grounding Resistor System
2019 Rev: 1-B-050420
More results

Similar Description - NGR

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
UP-1 RIEDON-UP-1 Datasheet
295Kb / 1P
Current Sensing Resistors
logo
American Accurate Compo...
CTL05R015FJM AAC-CTL05R015FJM Datasheet
222Kb / 2P
CURRENT SENSE RESISTORS
SR1-0160FZM AAC-SR1-0160FZM Datasheet
110Kb / 1P
CURRENT SHUNT RESISTORS
logo
Token Electronics Indus...
DOE1500W1R3KF TOKEN-DOE1500W1R3KF Datasheet
315Kb / 3P
DOE High Current Power Resistors
logo
Bourns Electronic Solut...
PWR4413 BOURNS-PWR4413 Datasheet
104Kb / 1P
Current Sense Resistors
logo
Panasonic Semiconductor
ERJ-M1WTF4M0U PANASONIC-ERJ-M1WTF4M0U Datasheet
75Kb / 2P
Low Resistance Value Chip Resistors(Current Sensing Resistors)
logo
Bourns Electronic Solut...
PWR4413DR050J BOURNS-PWR4413DR050J Datasheet
104Kb / 1P
Current Sense Resistors
logo
List of Unclassifed Man...
GRL-501S ETC-GRL-501S Datasheet
120Kb / 3P
NEUTRAL GROUNDING RESISTORS LOAD BANKS
logo
Vishay Siliconix
GRE3 VISHAY-GRE3 Datasheet
487Kb / 6P
High Power, High Current Grid Resistors, 6 kW and Larger
03-May-17
GRE1 VISHAY-GRE1 Datasheet
461Kb / 9P
High Power, High Current Grid Resistors, 1 kW and Larger
04-Apr-2019
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com