Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R30YN16CS/Q Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R30YN16CS/Q
Description  Remote I/O R30 Series DISCRETE OUTPUT MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R30YN16CS/Q Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R30YN16CS/Q Datasheet HTML 1Page - M-System Co.,Ltd. R30YN16CS/Q Datasheet HTML 2Page - M-System Co.,Ltd. R30YN16CS/Q Datasheet HTML 3Page - M-System Co.,Ltd. R30YN16CS/Q Datasheet HTML 4Page - M-System Co.,Ltd. R30YN16CS/Q Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MODEL: R30YN16C
R30YN16C SPECIFICATIONS
ES-9012 Rev.3 Page 3/5
https://www.m-system.co.jp/
TERMINAL ASSIGNMENTS
11
Y9
12
Y10
13
Y11
14
Y12
15
Y13
16
Y14
17
Y15
18
Y16
19
V+
20
V–
1
Y1
2
Y2
3
Y3
4
Y4
5
Y5
6
Y6
7
Y7
8
Y8
9
V+
10
V–
NO.
ID
FUNCTION
NO.
ID
FUNCTION
1
Y1
Output 1
11
Y9
Output 9
2
Y2
Output 2
12
Y10
Output 10
3
Y3
Output 3
13
Y11
Output 11
4
Y4
Output 4
14
Y12
Output 12
5
Y5
Output 5
15
Y13
Output 13
6
Y6
Output 6
16
Y14
Output 14
7
Y7
Output 7
17
Y15
Output 15
8
Y8
Output 8
18
Y16
Output 16
9
V+
24V DC
19
V+
24V DC
10
V–
0V
20
V–
0V
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm [inch]
①
②
③
④
⑪
⑫
⑬
⑭ ⑤
⑥
⑦
⑧
⑨
⑩
⑮
⑯
⑰
⑱
⑲
⑳
25 [.98]
98 [3.86]
20–M3
SCREW



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com