Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R30YN16CS/Q Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R30YN16CS/Q
Description  Remote I/O R30 Series DISCRETE OUTPUT MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R30YN16CS/Q Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R30YN16CS/Q Datasheet HTML 1Page - M-System Co.,Ltd. R30YN16CS/Q Datasheet HTML 2Page - M-System Co.,Ltd. R30YN16CS/Q Datasheet HTML 3Page - M-System Co.,Ltd. R30YN16CS/Q Datasheet HTML 4Page - M-System Co.,Ltd. R30YN16CS/Q Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: R30YN16C
R30YN16C SPECIFICATIONS
ES-9012 Rev.3 Page 2/5
https://www.m-system.co.jp/
PERFORMANCE
Data allocation: 1
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute (output to
internal bus or internal power)
1500 V AC @ 1 minute (power input to FE; isolated on the
power supply module)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EXTERNAL VIEW
RUN
ERR
RUN LED
Output Terminal Block
ERR LED
■ FRONT VIEW
■ BOTTOM VIEW
■ SIDE VIEW
Lock Tab
Base Fixing Screw
Specifications
Positioning Guide
Terminal Cover
1
5
9
13
2
6
10
14
3
7
11
15
4
8
12
16
Discrete Output Indicator LEDs
Terminal Fixing
Screw
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com