Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R30YN16CS/Q Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R30YN16CS/Q
Description  Remote I/O R30 Series DISCRETE OUTPUT MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R30YN16CS/Q Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R30YN16CS/Q Datasheet HTML 1Page - M-System Co.,Ltd. R30YN16CS/Q Datasheet HTML 2Page - M-System Co.,Ltd. R30YN16CS/Q Datasheet HTML 3Page - M-System Co.,Ltd. R30YN16CS/Q Datasheet HTML 4Page - M-System Co.,Ltd. R30YN16CS/Q Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: R30YN16C
R30YN16C SPECIFICATIONS
ES-9012 Rev.3 Page 1/5
https://www.m-system.co.jp/
Remote I/O R30 Series
DISCRETE OUTPUT MODULE
(PNP transistor output, 16 points)
Functions & Features
• 16 channels for discrete output remote I/O module
25 [.98]
mm [inch]
98
[3.86]
110
[4.33]
MODEL: R30YN16CS[1]
ORDERING INFORMATION
• Code number: R30YN16CS[1]
Specify a code from below for [1].
(e.g. R30YN16CS/Q)
• Specify the specification for option code /Q
(e.g. /C01)
TYPE
16C: Output, 16 points (PNP transistor)
COMMUNICATION MODE
S: Single
[1] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
GENERAL SPECIFICATIONS
Connection
Internal bus: Via the Installation Base (model: R30BS)
Output: M3 separable screw terminal (torque 0.5 N·m)
Internal power: Via the Installation Base (model: R30BS)
Solderless terminal: Refer to the drawing at the end of the
section.
Recommended manufacturer: Japan Solderless Terminal
MFG. Co., Ltd., Nichifu Co., Ltd.
(Solderless terminals with insulation sleeve do not fit.)
Applicable wire size: 0.25 to 0.75 mm2
Screw terminal: Nickel-plated steel
Isolation: Output to internal bus or internal power
Status indicator LED: RUN, ERR
Discrete output indicator LEDs: Green LED; turns on with
output ON
(Refer to the instruction manual.)
■Recommended solderless terminal size - M3 (unit: mm)
12 max.
3 max.
3.2 dia.
OUTPUT SPECIFICATIONS
Module type: Discrete output, 16 points
Isolation: Optical isolator
Common: Positive common (PNP) per 16 points
Rated load voltage: 24 V DC ±10 %, ripple 5 %p-p max.
Rated output current: 0.1 A per point, 1.6 A per common
Residual voltage: ≤ 1.2 V
Leakage current: ≤ 0.1 mA
ON delay: ≤ 0.5 msec.
OFF delay: ≤ 1.0 msec.
Overload current protection function: Limits the current
value when overcurrent is detected
Overheat protection function: Turns OFF the outputs when
overheat is detected
(When driving an inductive load, connect a diode in parallel
with the load.)
INSTALLATION
Current consumption: Approx. 75 mA
Operating temperature: -10 to +55°C (14 to 131°F)
Storage temperature: -20 to +65°C (-4 to +149°F)
Operating humidity: 10 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R30BS)
Weight: 150 g (0.33 lb)


Similar Part No. - R30YN16CS/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R30YN16A MSYSTEM-R30YN16A Datasheet
174Kb / 5P
Remote I/O R30 Series DISCRETE OUTPUT MODULE
R30YN16AS/Q MSYSTEM-R30YN16AS/Q Datasheet
174Kb / 5P
Remote I/O R30 Series DISCRETE OUTPUT MODULE
More results

Similar Description - R30YN16CS/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R30YV4 MSYSTEM-R30YV4 Datasheet
183Kb / 5P
Remote I/O R30 Series DC VOLTAGE OUTPUT MODULE
R30YS4 MSYSTEM-R30YS4 Datasheet
186Kb / 5P
Remote I/O R30 Series DC CURRENT OUTPUT MODULE
R30YN16A MSYSTEM-R30YN16A Datasheet
174Kb / 5P
Remote I/O R30 Series DISCRETE OUTPUT MODULE
R30XN16A MSYSTEM-R30XN16A Datasheet
174Kb / 4P
Remote I/O R30 Series DISCRETE INPUT MODULE
R30NOUA1 MSYSTEM-R30NOUA1 Datasheet
130Kb / 3P
Remote I/O R30 Series NETWORK MODULE
R30NECT1 MSYSTEM-R30NECT1 Datasheet
131Kb / 3P
Remote I/O R30 Series NETWORK MODULE
R30NCIT1 MSYSTEM-R30NCIT1 Datasheet
219Kb / 7P
Remote I/O R30 Series NETWORK MODULE
R30NCIE1 MSYSTEM-R30NCIE1 Datasheet
217Kb / 7P
Remote I/O R30 Series NETWORK MODULE
R3-DC8 MSYSTEM-R3-DC8 Datasheet
134Kb / 4P
Remote I/O R3 Series DISCRETE OUTPUT MODULE
R3-DC16C MSYSTEM-R3-DC16C Datasheet
119Kb / 4P
Remote I/O R3 Series DISCRETE OUTPUT MODULE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com