Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R30TS4S/Q Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R30TS4S/Q
Description  Remote I/O R30 Series THERMOCOUPLE INPUT MODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R30TS4S/Q Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R30TS4S/Q Datasheet HTML 1Page - M-System Co.,Ltd. R30TS4S/Q Datasheet HTML 2Page - M-System Co.,Ltd. R30TS4S/Q Datasheet HTML 3Page - M-System Co.,Ltd. R30TS4S/Q Datasheet HTML 4Page - M-System Co.,Ltd. R30TS4S/Q Datasheet HTML 5Page - M-System Co.,Ltd. R30TS4S/Q Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MODEL: R30TS4
R30TS4 SPECIFICATIONS
ES-9002 Rev.4 Page 3/6
https://www.m-system.co.jp/
CONFIGURATOR SOFTWARE SETTING
The following parameters can be set with using PC Configurator Software (model: R30CFG)
Refer to the users manual for the R30CFG for detailed operation of the software program.
■ CHANNEL INDIVIDUAL SETTING
PARAMETER
SETTING RANGE
DEFAULT SETTING
Unused setting
CH enabled
CH disabled
CH enabled
Input type
K (CA)
E (CRC)
J (IC)
T (CC)
B (RH)
R
S
C (WRe 5-26)
N
U
L
P (Platinel II)
(PR)
K (CA)
Burnout
Upscale
Downscale
None
Upscale
CJC
Enabled
Disabled
Enabled
Unit
degC
degF
K
degC
Fine zero adjustment
−320.00 – +320.00 (%) 0.00 (%)
Fine gain adjustment
−3.2000 – +3.2000
1.0000
Zero base
−3 200.0 – +3 200.0
(degC, K)
−32 000 – +32 000
(degF)
0.0
Full base
−3 200.0 – +3 200.0
(degC, K)
−32 000 – +32 000
(degF)
0.0
Scaled range zero
−32 000 – +32 000
0
Scaled range span
−32 000 – +32 000
10 000
■ CHANNEL BATCH SETTING
PARAMETER
SETTING RANGE
DEFAULT SETTING
Conversion rate
250 ms
500 ms
500 ms
Simulate input
Normal input
Simulated data
Normal input



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com