Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R30TS4S/Q Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R30TS4S/Q
Description  Remote I/O R30 Series THERMOCOUPLE INPUT MODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R30TS4S/Q Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R30TS4S/Q Datasheet HTML 1Page - M-System Co.,Ltd. R30TS4S/Q Datasheet HTML 2Page - M-System Co.,Ltd. R30TS4S/Q Datasheet HTML 3Page - M-System Co.,Ltd. R30TS4S/Q Datasheet HTML 4Page - M-System Co.,Ltd. R30TS4S/Q Datasheet HTML 5Page - M-System Co.,Ltd. R30TS4S/Q Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MODEL: R30TS4
R30TS4 SPECIFICATIONS
ES-9002 Rev.4 Page 2/6
https://www.m-system.co.jp/
INPUT SPECIFICATIONS
Module type: Analog input, 4 points
Thermocouple: K, E, J, T, B, R, S, C, N, U, L, P, PR
Input resistance: ≥ 30 kΩ
Burnout sensing: ≤ 0.1 μA
Temperature range
T/C
˚C
USABLE RANGE
CONFORMANCE RANCE
K (CA)
-273.2 – +1470
-150 – +1370
E (CRC)
-273.2 – +1020
-170 – +1000
J (IC)
-273.2 – +1300
-180 – +1200
T (CC)
-273.2 – +500
-170 – +400
B (RH)
20 – 1920
400 – 1760
R
-100 – +1860
200 – 1760
S
-100 – +1860
0 – 1760
C (WRe 5-26)
-50 – +2420
0 – 2315
N
-273.2 – +1400
-130 – +1300
U
-273.2 – +700
-200 – +600
L
-273.2 – +1000
-200 – +900
P (Platinel II)
-50 – +1500
0 – 1395
(PR)
-50 – +1860
0 – 1760
T/C
˚F
USABLE RANGE
CONFORMANCE RANCE
K (CA)
-460 – +2678
-238 – +2498
E (CRC)
-460 – +1868
-274 – +1832
J (IC)
-460 – +2372
-292 – +2192
T (CC)
-460 – +932
-274 – +752
B (RH)
68 – 3488
752 – 3200
R
-148 – +3380
392 – 3200
S
-148 – +3380
32 – 3200
C (WRe 5-26)
-58 – +4388
32 – 4199
N
-460 – +2552
-202 – +2372
U
-460 – +1292
-328 – +1112
L
-460 – +1832
-328 – +1652
P (Platinel II)
-58 – +2732
32 – 2543
(PR)
-58 – +3380
32 – 3200
Burnout value: Upper 32767, Lower -32768
INSTALLATION
Current consumption: 55 mA
Operating temperature: -10 to +55°C (14 to 131°F)
Storage temperature: -20 to +65°C (-4 to +149°F)
Operating humidity: 10 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R30BS)
Weight: 170 g (0.37 lb)
PERFORMANCE
Conversion accuracy: ±1°C (±1.8°F) except ±2.0°C
(±3.6°F) for B, R, S, C, PR
Conversion rate: 250 / 500 msec.
Response time: Conversion rate x 2 + 50 msec. (0 - 90 %)
Converted data range
°C, K: Engineering unit value × 10 (integer) (Default
setting)
°F: Engineering unit value (integer)
* Scaling of converted data is configurable with the
configurator software (model: R30CFG). Refer to the
software manual for details.
Data allocation: 4
Cold junction compensation error: ±1.0°C at 25°C ±10°C
(R, S, C & PR: ±1.5°C, B without CJC)
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
R, S, C & PR; ±0.03 %/°C (±0.02 %/°F)
B: ±0.05 %/°C (±0.03 %/°F)
Input delay time: 50 msec.
Burnout response time: ≤ 1 sec.
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute (input 1 to input
2 to input 3 to input 4 to internal bus or internal power)
1500 V AC @ 1 minute (power input to FE; isolated on the
power supply module)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com