Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R30TS4S/Q Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R30TS4S/Q
Description  Remote I/O R30 Series THERMOCOUPLE INPUT MODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R30TS4S/Q Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R30TS4S/Q Datasheet HTML 1Page - M-System Co.,Ltd. R30TS4S/Q Datasheet HTML 2Page - M-System Co.,Ltd. R30TS4S/Q Datasheet HTML 3Page - M-System Co.,Ltd. R30TS4S/Q Datasheet HTML 4Page - M-System Co.,Ltd. R30TS4S/Q Datasheet HTML 5Page - M-System Co.,Ltd. R30TS4S/Q Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MODEL: R30TS4
R30TS4 SPECIFICATIONS
ES-9002 Rev.4 Page 1/6
https://www.m-system.co.jp/
Remote I/O R30 Series
THERMOCOUPLE INPUT MODULE
(4 points, isolated)
Functions & Features
• 4 channels for thermocouple input remote I/O module
• Isolation between input channels
• Input range of each channel is individually adjustable with
PC configurator
25 [.98]
mm [inch]
98
[3.86]
110
[4.33]
MODEL: R30TS4S[1]
ORDERING INFORMATION
• Code number: R30TS4S[1]
Specify a code from below for [1].
(e.g. R30TS4S/Q)
• Specify the specification for option code /Q
(e.g. /C01/SET)
NO. OF CHANNELS
4: 4
COMMUNICATION MODE
S: Single
[1] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
EX-FACTORY SETTING
/SET: Preset according to the Ordering Information Sheet
(No. ESU-9002)
CAUTION
■ UNUSED INPUT CHANNELS
Set unused channels to "CH disabled" with PC Configurator
software (model: R30CFG). Otherwise, unused channels left
open are to be burnout status, setting a data error at the
PLC or other host devices.
RELATED PRODUCTS
• PC configurator software (model: R30CFG)
Downloadable at M-System’s web site.
For connecting to PC, use commercially available Mini-B
type USB cable. (provided by user)
GENERAL SPECIFICATIONS
Connection
Internal bus: Via the Installation Base (model: R30BS)
Input: M3 separable screw terminal (torque 0.5 N·m)
Internal power: Via the Installation Base (model: R30BS)
Solderless terminal: Refer to the drawing at the end of the
section.
Recommended manufacturer: Japan Solderless Terminal
MFG. Co., Ltd., Nichifu Co., Ltd.
(Solderless terminals with insulation sleeve do not fit.)
Applicable wire size: 0.25 to 0.75 mm2
Screw terminal: Nickel-plated steel
Isolation: Input 1 to input 2 to input 3 to input 4 to internal
bus or internal power
Input type & range: Selectable with PC configurator
software (model: R30CFG)
Temperature unit: °C, °F or absolute temperature selectable
with PC configuration software (model: R30CFG)
Conversion rate: Selectable with PC configuration software
(model: R30CFG)
Burnout: Selectable among upscale, downscale or no
burnout with PC configurator software (model: R30CFG)
Linearization: Standard
Cold junction compensation: CJC sensor attached to the
input terminals
Status indicator LED: RUN, ERR
(refer to the instruction manual)
■Recommended solderless terminal size - M3 (unit: mm)
12 max.
3 max.
3.2 dia.


Similar Part No. - R30TS4S/Q

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R30 ETC2-R30 Datasheet
150Kb / 6P
Bimetal Cutouts Temperature Regulators Temperature Limiters
logo
Harwin Plc
R30-100 HARWIN-R30-100 Datasheet
2Mb / 1P
Metric & Imperial Spacers
R30-1002502 HARWIN-R30-1002502 Datasheet
84Kb / 1P
M3 HEXAGONAL FEMALE SPACER
R30-101 HARWIN-R30-101 Datasheet
2Mb / 1P
Metric & Imperial Spacers
R30-1010402 HARWIN-R30-1010402 Datasheet
78Kb / 1P
M3 HEXAGONAL FEMALE SPACER
More results

Similar Description - R30TS4S/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R6D-TS2A MSYSTEM-R6D-TS2A Datasheet
123Kb / 3P
Remote I/O R6 Series THERMOCOUPLE INPUT MODULE
R6D-TS2 MSYSTEM-R6D-TS2 Datasheet
125Kb / 3P
Remote I/O R6 Series THERMOCOUPLE INPUT MODULE
R30XN16A MSYSTEM-R30XN16A Datasheet
174Kb / 4P
Remote I/O R30 Series DISCRETE INPUT MODULE
R30US4 MSYSTEM-R30US4 Datasheet
223Kb / 7P
Remote I/O R30 Series UNIVERSAL INPUT MODULE
R30US2 MSYSTEM-R30US2 Datasheet
213Kb / 7P
Remote I/O R30 Series UNIVERSAL INPUT MODULE
R30RS4 MSYSTEM-R30RS4 Datasheet
197Kb / 6P
Remote I/O R30 Series RTD INPUT MODULE
R30MS4 MSYSTEM-R30MS4 Datasheet
183Kb / 5P
Remote I/O R30 Series POTENTIOMETER INPUT MODULE
R30CT4E MSYSTEM-R30CT4E Datasheet
176Kb / 4P
Remote I/O R30 Series AC CURRENT INPUT MODULE
R6S-TS2A MSYSTEM-R6S-TS2A Datasheet
146Kb / 3P
Remote I/O R6 Series THERMOCOUPLE INPUT MODULE
R6N-TS2A. MSYSTEM-R6N-TS2A. Datasheet
136Kb / 3P
Remote I/O R6 Series THERMOCOUPLE INPUT MODULE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com