Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6006R Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP6006R
Description  1 MHz Operational Amplifier with EMI Filtering
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6006R Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP6006R Datasheet HTML 17Page - Microchip Technology MCP6006R Datasheet HTML 18Page - Microchip Technology MCP6006R Datasheet HTML 19Page - Microchip Technology MCP6006R Datasheet HTML 20Page - Microchip Technology MCP6006R Datasheet HTML 21Page - Microchip Technology MCP6006R Datasheet HTML 22Page - Microchip Technology MCP6006R Datasheet HTML 23Page - Microchip Technology MCP6006R Datasheet HTML 24Page - Microchip Technology MCP6006R Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
 2020-2021 Microchip Technology Inc.
DS20006411B-page 21
MCP6006/6R/6U/7/9
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
5-Lead SC70 (MCP6006/6U)
5-Lead SOT-23 (MCP6006/6U/6R)
Example:
Device
Marking
MCP6006
AAA5
MCP6006U
AAA6
MCP6006R
AAA7
Note: Applies to 5-Lead SOT-23.
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
8-Lead SOIC (MCP6007)
Example:
3
e
XXNN
Example
GA25
XXXXY
WWNNN
AAA50
31256
XXXXXXXX
XXXXYYWW
NNN
MCP6007
SN 2031
256
Device
Marking
MCP6006
GANN
MCP6006U
GFNN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com