Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6006R Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP6006R
Description  1 MHz Operational Amplifier with EMI Filtering
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6006R Datasheet(HTML) 4 Page - Microchip Technology

  MCP6006R Datasheet HTML 1Page - Microchip Technology MCP6006R Datasheet HTML 2Page - Microchip Technology MCP6006R Datasheet HTML 3Page - Microchip Technology MCP6006R Datasheet HTML 4Page - Microchip Technology MCP6006R Datasheet HTML 5Page - Microchip Technology MCP6006R Datasheet HTML 6Page - Microchip Technology MCP6006R Datasheet HTML 7Page - Microchip Technology MCP6006R Datasheet HTML 8Page - Microchip Technology MCP6006R Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
MCP6006/6R/6U/7/9
DS20006411B-page 4
 2020-2021 Microchip Technology Inc.
Noise
Input Noise Voltage
Eni
—3.3
—
µVP-P
f = 0.1 Hz to 10 Hz
Input Noise Voltage Density
eni
—25
—
nV/
Hz
f = 1 kHz
—22
—
nV/
Hz
f = 10 kHz
Input Noise Current Density
ini
—0.6
—
fA/
Hz
f = 1 kHz
Electromagnetic Interference
Rejection Ratio
EMIRR
—
60
—
dB
VIN = 100 mVPK, 400 MHz
—90
—
VIN = 100 mVPK, 900 MHz
—95
—
VIN = 100 mVPK, 1800 MHz
—100
—
VIN = 100 mVPK, 2400 MHz
—100
—
VIN = 100 mVPK, 5800 MHz
AC ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: Unless otherwise indicated, TA= +25°C, VDD = +1.8V to +5.5V, VSS = GND,
VCM =VDD/4, VOUT =VDD/2, VL =VDD/2, RL = 10 k to VL and CL = 30 pF.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
TEMPERATURE SPECIFICATIONS
Electrical Characteristics: Unless otherwise indicated, VDD = +1.8V to +5.5V and VSS = GND.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Operating Temperature Range
TA
-40
—
+125
°C
Note 1
Storage Temperature Range
TA
-65
—
+150
°C
Thermal Package Resistances
Thermal Resistance, 5-Lead SC70
JA
—331
—
°C/W
Thermal Resistance, 5-Lead SOT-23
JA
—221
—
°C/W
Thermal Resistance, 8-Lead MSOP
JA
—206
—
°C/W
Thermal Resistance, 8-Lead SOIC
JA
—150
—
°C/W
Thermal Resistance, 14-Lead TSSOP
JA
—100
—
°C/W
Thermal Resistance, 14-Lead SOIC
JA
—120
—
°C/W
Note 1: The internal Junction Temperature (TJ) must not exceed the absolute maximum specification of +150°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com