Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6006R Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP6006R
Description  1 MHz Operational Amplifier with EMI Filtering
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6006R Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP6006R Datasheet HTML 4Page - Microchip Technology MCP6006R Datasheet HTML 5Page - Microchip Technology MCP6006R Datasheet HTML 6Page - Microchip Technology MCP6006R Datasheet HTML 7Page - Microchip Technology MCP6006R Datasheet HTML 8Page - Microchip Technology MCP6006R Datasheet HTML 9Page - Microchip Technology MCP6006R Datasheet HTML 10Page - Microchip Technology MCP6006R Datasheet HTML 11Page - Microchip Technology MCP6006R Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
MCP6006/6R/6U/7/9
DS20006411B-page 8
 2020-2021 Microchip Technology Inc.
Note: Unless otherwise indicated, TA= +25°C, VDD = +1.8V to +5.5V, VSS = GND, VCM = VDD/4, VOUT = VDD/2,
VL =VDD/2, RL = 10 k to VL and CL = 30 pF.
2.3
Frequency Response
FIGURE 2-18:
CMRR, PSRR vs.
Frequency.
FIGURE 2-19:
Open-Loop Gain, Phase vs.
Frequency.
FIGURE 2-20:
Gain Bandwidth Product,
Phase Margin vs. Ambient Temperature.
FIGURE 2-21:
Gain Bandwidth Product,
Phase Margin vs. Ambient Temperature.
FIGURE 2-22:
Closed-Loop Output
Impedance vs. Frequency.
FIGURE 2-23:
EMIRR vs. Frequency.
0
20
40
60
80
100
120
140
Frequency (Hz)
100
1k
10k
100k
1M
Representative Part
CMRR
PSRR+
PSRR-
-135
-90
-45
0
45
90
135
180
225
-20
0
20
40
60
80
100
120
140
1.E-11.E+01.E+11.E+21.E+31.E+41.E+51.E+61.E+7
Frequency (Hz)
0.1
1
10
100
1k
10k 100k 1M 10M
Phase
Gain
VDD = 5.5V
0
20
40
60
80
100
120
140
160
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
Phase Margin
Gain Bandwidth Product
V
DD = 5.5V
0
20
40
60
80
100
120
140
160
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
Phase Margin
Gain Bandwidth Product
V
DD = 1.8V
1
10
100
1000
10000
100
1000
10000
100000
1000000
Frequency (Hz)
G
N:
101 V/V
11 V/V
1 V/V
G
G
1
100
1k
10k
100k
1M
0
20
40
60
80
100
120
10
100
1000
10000
Frequency (Hz)
10M
100M
1G
10G
V
IN = 100 mVPK
V
DD = 5.5V
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com