Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6006UT Datasheet(PDF) 43 Page - Microchip Technology

Part # MCP6006UT
Description  1 MHz Operational Amplifier with EMI Filtering
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6006UT Datasheet(HTML) 43 Page - Microchip Technology

Back Button MCP6006UT Datasheet HTML 38Page - Microchip Technology MCP6006UT Datasheet HTML 39Page - Microchip Technology MCP6006UT Datasheet HTML 40Page - Microchip Technology MCP6006UT Datasheet HTML 41Page - Microchip Technology MCP6006UT Datasheet HTML 42Page - Microchip Technology MCP6006UT Datasheet HTML 43Page - Microchip Technology MCP6006UT Datasheet HTML 44Page - Microchip Technology MCP6006UT Datasheet HTML 45Page - Microchip Technology MCP6006UT Datasheet HTML 46Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 43 / 46 page
background image
 2020-2021 Microchip Technology Inc.
DS20006411B-page 43
MCP6006/6R/6U/7/9
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
-X
/XX
Package
Temperature
Range
Device
[X](1)
Tape and Reel
Option
Note 1:
The Tape and Reel identifier only appears in the catalog part number
description. This identifier is used for ordering purposes and is not
printed on the device package. Check with your Microchip Sales Office
for package availability with the Tape and Reel option.
2:
Automotive parts are AEC-Q100 qualified, Grade 1.
Device:
MCP6006T
Single Op Amp (Tape and Reel) (SC70, SOT-23)
MCP6006RT
Single Op Amp (Tape and Reel) (SOT-23)
MCP6006UT
Single Op Amp (Tape and Reel) (SC70, SOT-23)
MCP6007
Dual Op Amp
MCP6007T
Dual Op Amp (Tape and Reel for SOIC, MSOP)
MCP6009
Quad Op Amp
MCP6009T
Quad Op Amp (Tape and Reel for SOIC, TSSOP)
Temperature Range:
E=-40°C to +125°C
Package:
LT
= Plastic Package (SC70), 5-Lead (MCP6006 only)
OT
= Plastic Small Outline Transistor (SOT-23),
5-Lead (MCP6006 only)
SN
= Plastic Small Outline (3.90 mm), 8-Lead
(MCP6007 only)
MS
= Plastic MSOP, 8-Lead (MCP6007 only)
ST
= Plastic Thin Shrink Small Outline (4.4 mm),
14-Lead (MCP6009 only)
SL
= Plastic Small Outline, (3.90 mm),
14-Lead (MCP6009 only)
Class
(Blank)
= Non-Automotive
VAO
= Automotive
Examples:
a)
MCP6006T-E/LT:
Tape and Reel,
Extended Temperature,
5-Lead SC70 Package.
b)
MCP6006T-E/OT:
Tape and Reel,
Extended Temperature,
5-Lead SOT-23 Package.
c)
MCP6006RT-E/OT: Tape and Reel,
Extended Temperature,
5-Lead SOT-23 Package.
d)
MCP6006UT-E/LT:
Tape and Reel,
Extended Temperature,
5-Lead SC70 Package.
e)
MCP6006UT-E/OT:
Tape and Reel,
Extended Temperature,
5-Lead SOT-23 Package.
a)
MCP6007-E/SN:
Extended Temperature,
8-Lead SOIC Package.
b)
MCP6007-E/MS:
Extended Temperature,
8-Lead MSOP Package.
c)
MCP6007T-E/SN:
Tape and Reel,
Extended Temperature,
8-Lead SOIC Package.
d)
MCP6007T-E/MS:
Tape and Reel,
Extended Temperature,
8-Lead MSOP Package.
a)
MCP6009-E/ST:
Extended Temperature,
14-Lead TSSOP Package.
b)
MCP6009-E/SL:
Extended Temperature,
14-Lead SOIC Package.
c)
MCP6009T-E/ST:
Tape and Reel,
Extended Temperature,
14-Lead TSSOP Package.
d)
MCP6009T-E/SL:
Tape and Reel,
Extended Temperature,
14-Lead SOIC Package.
XXX(2)
Class



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com