Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6006UT Datasheet(PDF) 44 Page - Microchip Technology

Part # MCP6006UT
Description  1 MHz Operational Amplifier with EMI Filtering
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6006UT Datasheet(HTML) 44 Page - Microchip Technology

Back Button MCP6006UT Datasheet HTML 38Page - Microchip Technology MCP6006UT Datasheet HTML 39Page - Microchip Technology MCP6006UT Datasheet HTML 40Page - Microchip Technology MCP6006UT Datasheet HTML 41Page - Microchip Technology MCP6006UT Datasheet HTML 42Page - Microchip Technology MCP6006UT Datasheet HTML 43Page - Microchip Technology MCP6006UT Datasheet HTML 44Page - Microchip Technology MCP6006UT Datasheet HTML 45Page - Microchip Technology MCP6006UT Datasheet HTML 46Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 44 / 46 page
background image
MCP6006/6R/6U/7/9
DS20006411B-page 44
 2020-2021 Microchip Technology Inc.
PRODUCT IDENTIFICATION SYSTEM (AUTOMOTIVE)
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
..
PART NO.
-X
/XX
Package
Temperature
Range
Device
Examples:
a)
MCP6006T-E/LTVAO:
Tape and Reel, Automotive,
Extended Temperature,
5-Lead SC70 Package.
b)
MCP6006T-E/OTVAO:
Tape and Reel, Automotive,
Extended Temperature,
5-Lead SOT-23 Package.
c)
MCP6006UT-E/OTVAO: Tape and Reel, Automotive,
Extended Temperature,
5-Lead SOT-23 Package.
d)
MCP6006RT-E/OTVAO: Tape and Reel, Automotive,
Extended Temperature,
5-Lead SOT-23 Package.
e)
MCP6006UT-E/LTVAO: Tape and Reel, Automotive,
Extended Temperature,
5-Lead SC70 Package.
a)
MCP6007-E/SNVAO:
Extended Temperature,
Automotive,
8-Lead SOIC Package.
b)
MCP6007-E/MSVAO:
Extended Temperature,
Automotive,
8-Lead MSOP Package.
c)
MCP6007T-E/SNVAO:
Tape and Reel,
Automotive,
Extended Temperature,
8-Lead SOIC Package.
d)
MCP6007T-E/MSVAO:
Tape and Reel, Automotive,
Extended Temperature,
8-Lead MSOP Package.
a)
MCP6009-E/STVAO:
Extended Temperature,
Automotive,
14-Lead TSSOP Package.
b)
MCP6009-E/SLVAO:
Extended Temperature,
Automotive,
14-Lead SOIC Package.
c)
MCP6009T-E/STVAO:
Tape and Reel, Automotive,
Extended Temperature,
14-Lead TSSOP Package.
d)
MCP6009T-E/SLVAO:
Tape and Reel, Automotive,
Extended Temperature,
14-Lead SOIC Package.
[X](1)
Tape and Reel
Option
Device:
MCP6006T
Single Op Amp (Tape and Reel)
(SC70, SOT-23)
MCP6006RT
Single Op Amp (Tape and Reel)
(SOT-23)
MCP6006UT
Single Op Amp (Tape and Reel)
(SC70, SOT-23)
MCP6007
Dual Op Amp
MCP6007T
Dual Op Amp (Tape and Reel for
SOIC, MSOP)
MCP6009
Quad Op Amp
MCP6009T
Quad Op Amp (Tape and Reel for
SOIC, TSSOP)
Temperature Range:
E=-40°C to +125°C
Package:
LT
= Plastic Package (SC70), 5-Lead
OT
= Plastic Small Outline Transistor
(SOT-23), 5-Lead
SN
= Plastic Small Outline (3.90 mm),
8-Lead
MS
= Plastic MSOP, 8-Lead
ST
= Plastic Thin Shrink Small Outline
(4.4 mm), 14-Lead
SL
= Plastic Small Outline, (3.90 mm),
14-Lead
Class
(Blank)
= Non-Automotive
VAO
= Automotive
XXX(2)
Class
Note 1:
The Tape and Reel identifier only appears in the catalog
part number description. This identifier is used for order-
ing purposes and is not printed on the device package.
Check with your Microchip Sales Office for package
availability with the Tape and Reel option.
2:
Automotive parts are AEC-Q100 qualified, Grade 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com