Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6006UT Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP6006UT
Description  1 MHz Operational Amplifier with EMI Filtering
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6006UT Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP6006UT Datasheet HTML 11Page - Microchip Technology MCP6006UT Datasheet HTML 12Page - Microchip Technology MCP6006UT Datasheet HTML 13Page - Microchip Technology MCP6006UT Datasheet HTML 14Page - Microchip Technology MCP6006UT Datasheet HTML 15Page - Microchip Technology MCP6006UT Datasheet HTML 16Page - Microchip Technology MCP6006UT Datasheet HTML 17Page - Microchip Technology MCP6006UT Datasheet HTML 18Page - Microchip Technology MCP6006UT Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 46 page
background image
 2020-2021 Microchip Technology Inc.
DS20006411B-page 15
MCP6006/6R/6U/7/9
4.0
APPLICATION INFORMATION
The MCP6006/6R/6U/7/9 operational amplifier is unity
gain stable and suitable for a wide range of general
purpose applications.
4.1
Rail-to-Rail Input
4.1.1
PHASE REVERSAL
The MCP6006/6R/6U/7/9 op amp is designed to
prevent phase reversal, when the input pins exceed the
supply voltages. Figure 2-37 shows the input voltage
exceeding the supply voltage with no phase reversal.
4.1.2
INPUT VOLTAGE LIMITS
In order to prevent damage and/or improper operation
of the amplifier, the circuit must limit the voltages at the
input pins (see Section 1.1, Absolute Maximum
Ratings†).
The Electrostatic Discharge (ESD) protection on the
inputs can be depicted as shown in Figure 4-1. This
structure was chosen to protect the input transistors
against many, but not all, overvoltage conditions and to
minimize the Input Bias (IB) current.
FIGURE 4-1:
Simplified Analog Input ESD
Structures.
The input ESD diodes clamp the inputs when they try
to go more than one diode drop below VSS. They also
clamp any voltages that go well above VDD; their
breakdown voltage is high enough to allow normal
operation. At 0.5V above VDD or below VSS, the input
currents are typically less than 5 mA. Very fast ESD
events that meet the specification are limited so that
damage does not occur.
4.1.3
INPUT CURRENT LIMITS
In order to prevent damage and/or improper operation
of the amplifier, the circuit must limit the currents into
the input pins (see Section 1.1, Absolute Maximum
Ratings†).
Figure 4-2 shows one approach to protecting these
inputs. The resistors, R1 and R2, limit the possible
currents in or out of the input pins through the ESD
diodes to either VDD or VSS.
FIGURE 4-2:
Protecting the Analog Inputs.
-IN
+IN
VSS
VDD
OUT
VDD
VSS
‐
+
V1
R1
VDD
min(R1, R2)>
VSS –min(V1, V2)
5mA
V2
R2
MCP6006
VOUT
min(R1, R2)>
max(V1,V2)–VDD
5mA
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com