Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDSTRG28PLCCCX Datasheet(PDF) 44 Page - Texas Instruments

Part # EDSTRG28PLCCCX
Description  TMS370 MICROCONTROLLER FAMILY DATA BOOK
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

EDSTRG28PLCCCX Datasheet(HTML) 44 Page - Texas Instruments

Back Button EDSTRG28PLCCCX Datasheet HTML 40Page - Texas Instruments EDSTRG28PLCCCX Datasheet HTML 41Page - Texas Instruments EDSTRG28PLCCCX Datasheet HTML 42Page - Texas Instruments EDSTRG28PLCCCX Datasheet HTML 43Page - Texas Instruments EDSTRG28PLCCCX Datasheet HTML 44Page - Texas Instruments EDSTRG28PLCCCX Datasheet HTML 45Page - Texas Instruments EDSTRG28PLCCCX Datasheet HTML 46Page - Texas Instruments EDSTRG28PLCCCX Datasheet HTML 47Page - Texas Instruments EDSTRG28PLCCCX Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 78 page
background image
GLOSSARY/SYMBOLS, TERMS, AND DEFINITIONS
1–36
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
static RAM (SRAM):
A read/write random-access device within which information is stored as latched voltage lev-
els. The memory cell is a static latch that retains data as long as power is applied to the memory array. No refresh
is required. The type of periphery circuitry sub-categorizes static RAMs.
status register (ST):
A CPU register that monitors the operation of the instructions and contains the global-
interrupt-enable bits
symbolic debugging:
The ability of a software tool to retain symbolic information so that it can be used by a debug-
ging tool such as an XDS/22, a design kit, or a CDT370
symbol table:
A portion of a COFF file that contains information about the symbols that are defined and used by
the file
SYSCLK:
System Clock. This signal synchronizes external peripherals. It outputs one quarter of the crystal or
external oscillator frequency.
T
T1:
Timer 1 module contains a general-purpose timer and watchdog timer. Both timers allow program selection of
input-clock source (real time, external event, or pulse accumulate) with multiple registers (input capture and
compare) for special timer function control.
T2A:
Timer 2A module is composed of a 16-bit resettable counter, 16-bit compare register with associated compare
logic, a 16-bit capture register, and a 16-bit register that functions as a capture register in one mode and as a
compare register in the other mode.
T2B:
Timer 2B module is composed of a 16-bit resettable counter, 16-bit compare register with associated compare
logic, a 16-bit capture register, and a 16-bit register that functions as a capture register in one mode and as a
compare register in the other mode.
time slots:
The internal cycles in which the PACT module can make a 32-bit access to the dual-port RAM. Each
command or definition requires one, two, or three time slots. The number of time slots available is a function of
the PACT prescaled clock and the frequency of access to the dual-port RAM by the CPU.
U
unsigned integer:
A number system used to express positive integers
V
very-large-scale integration (VLSI):
The description of an IC technology that is much more complex than
large-scale integration (LSI) and involves a much higher equivalent gate count. At this time an exact definition
including a minimum gate count has not been standardized by JEDEC or the IEEE.
virtual timer:
An entry in the PACT command/definition area that creates an independent time base that is
incremented by the PACT prescaled clock and cleared upon reaching a maximum value that is set by this
definition.
volatile memory:
A memory in which the data content is lost when the power supply is disconnected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com