Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDSTRG28PLCCCX Datasheet(PDF) 75 Page - Texas Instruments

Part # EDSTRG28PLCCCX
Description  TMS370 MICROCONTROLLER FAMILY DATA BOOK
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

EDSTRG28PLCCCX Datasheet(HTML) 75 Page - Texas Instruments

Back Button EDSTRG28PLCCCX Datasheet HTML 70Page - Texas Instruments EDSTRG28PLCCCX Datasheet HTML 71Page - Texas Instruments EDSTRG28PLCCCX Datasheet HTML 72Page - Texas Instruments EDSTRG28PLCCCX Datasheet HTML 73Page - Texas Instruments EDSTRG28PLCCCX Datasheet HTML 74Page - Texas Instruments EDSTRG28PLCCCX Datasheet HTML 75Page - Texas Instruments EDSTRG28PLCCCX Datasheet HTML 76Page - Texas Instruments EDSTRG28PLCCCX Datasheet HTML 77Page - Texas Instruments EDSTRG28PLCCCX Datasheet HTML 78Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 75 / 78 page
background image
MECHANICAL DATA
4–9
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
NJ 40-pin plastic shrink dual-in-line package (PSDIP)
NJ (R-PDIP-T**)
PLASTIC SHRINK DUAL-IN-LINE PACKAGE
4040034/B 04/95
40 PIN SHOWN
2.031
54
(51,60)
40
1.425
(36,20)
DIM
A MAX
PINS **
21
20
0.200 (5,08) MAX
0.560 (14,22) MAX
0.125 (3,18) MIN
Seating Plane
0.010 (0,25) NOM
0.600 (15,24)
A
40
1
0.048 (1,216)
0.032 (0,816)
0.014 (0,36)
0.022 (0,56)
0.020 (0,51) MIN
0
°–15°
M
0.010 (0,25)
0.070 (1,78)
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com