Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDSTRG28PLCCCX Datasheet(PDF) 45 Page - Texas Instruments

Part # EDSTRG28PLCCCX
Description  TMS370 MICROCONTROLLER FAMILY DATA BOOK
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

EDSTRG28PLCCCX Datasheet(HTML) 45 Page - Texas Instruments

Back Button EDSTRG28PLCCCX Datasheet HTML 41Page - Texas Instruments EDSTRG28PLCCCX Datasheet HTML 42Page - Texas Instruments EDSTRG28PLCCCX Datasheet HTML 43Page - Texas Instruments EDSTRG28PLCCCX Datasheet HTML 44Page - Texas Instruments EDSTRG28PLCCCX Datasheet HTML 45Page - Texas Instruments EDSTRG28PLCCCX Datasheet HTML 46Page - Texas Instruments EDSTRG28PLCCCX Datasheet HTML 47Page - Texas Instruments EDSTRG28PLCCCX Datasheet HTML 48Page - Texas Instruments EDSTRG28PLCCCX Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 78 page
background image
GLOSSARY/SYMBOLS, TERMS, AND DEFINITIONS
1–37
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
W
WAIT pin:
The pin that allows an external device to cause the processor to wait (holding the information on the ex-
pansion bus) for an indefinite number of clock cycles (one or more extra clockout cycles). When the wait line is
released, the processor resynchronizes with the rising edge of the clockout signal (CLKOUT) after EDS goes ac-
tive and continues with the program.
wait states, automatic:
Extra clock cycles inserted automatically on every external-memory access to accommo-
date peripherals or expansion memory with slower access time than the TMS370 processor. These wait states
are governed by two control bits: PF AUTOWAIT (SCCR0.5) and AUTOWAIT DISABLE (SCCR1.4).
watchdog (WD) timer:
A timer option that can be programmed to generate an interrupt when it times out. This func-
tion serves as a hardware monitor over the software to prevent a “lost” program and is available in both the
timer 1 and PACT modules. If timer 1 does not need a watchdog, this timer can be used as a general-purpose
timer.
write:
A memory operation whereby data is written into a desired address location
Write Enable:
A control signal that when true causes the memory to assume the write mode, and when false causes
it to assume the read mode
write-protect override (WPO):
The only mode in which a TMS370 device can modify the on-board EEPROM. The
WPO mode is entered when external circuitry applies 12 V to the MC pin after the device has been reset into one
of its normal operating modes.
X
XDS/22:
A code-development tool that is external to the target system and provides direct control over the TMS370
processor that is on the target system



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com