Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAD15-8P-R-2388 Datasheet(PDF) 3 Page - Pepperl+Fuchs Inc.

Part # DAD15-8P-R-2388
Description  Optical data coupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

DAD15-8P-R-2388 Datasheet(HTML) 3 Page - Pepperl+Fuchs Inc.

  DAD15-8P-R-2388 Datasheet HTML 1Page - Pepperl+Fuchs Inc. DAD15-8P-R-2388 Datasheet HTML 2Page - Pepperl+Fuchs Inc. DAD15-8P-R-2388 Datasheet HTML 3Page - Pepperl+Fuchs Inc. DAD15-8P-R-2388 Datasheet HTML 4Page - Pepperl+Fuchs Inc. DAD15-8P-R-2388 Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Optical data coupler
DAD15-8P-R-2388
3
Technical data
General specifications
Effective detection range
0 ... 1500 mm
Threshold detection range
2500 mm
Light source
IRED
Light type
modulated infrared light
Diameter of the light spot
approx. 1000 mm at 1.5 m
Angle of divergence
± 20 °
Ambient light limit
5000 Lux
Cycle time
35 ms
Functional safety related parameters
MTTFd
200 a
Mission Time (TM)
20 a
Diagnostic Coverage (DC)
0 %
Indicators/operating means
Operation indicator
LED green
Data flow indicator
Inputs: 8 LEDs green
Outputs: 8 LEDs red
Control elements
sensitivity adjustment
Control elements
Operating mode switch 4: Behavior when beam is broken
Switches 1+2: Address
Electrical specifications
Operating voltage
UB
10 ... 60 V DC
No-load supply current
I0
40 mA
Data sampling blanking
Enable input emitter deactivation
Data rate
225 Bit/s
Interface
Interface type
8 bit parallel, bidirectional
10 inputs, PNP , 10 outputs, PNP
Output
Switching voltage
max. 60 V DC
Switching current
max. 200 mA per channel , short-circuit protected , total ≤ 800
mA
Conformity
Product standard
EN 60947-5-2
Ambient conditions
Ambient temperature
-20 ... 60 °C (-4 ... 140 °F)
Storage temperature
-20 ... 75 °C (-4 ... 167 °F)
Mechanical specifications
Housing width
53 mm
Housing depth
56 mm
Degree of protection
IP67
Connection
2 M16 cable glands, tension spring terminals in the terminal
compartment
Material
Housing
Terluran®, black
Optical face
glass
Mass
170 g
Approvals and certificates
Approvals
CE
Curves/Diagrams
x
DAD15
01
2
3
600
400
200
500
300
100
0
Offset Y [mm]
Distance X [m]
Characteristic response curve



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com