Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAD15-8P-R-2388 Datasheet(PDF) 5 Page - Pepperl+Fuchs Inc.

Part # DAD15-8P-R-2388
Description  Optical data coupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

DAD15-8P-R-2388 Datasheet(HTML) 5 Page - Pepperl+Fuchs Inc.

  DAD15-8P-R-2388 Datasheet HTML 1Page - Pepperl+Fuchs Inc. DAD15-8P-R-2388 Datasheet HTML 2Page - Pepperl+Fuchs Inc. DAD15-8P-R-2388 Datasheet HTML 3Page - Pepperl+Fuchs Inc. DAD15-8P-R-2388 Datasheet HTML 4Page - Pepperl+Fuchs Inc. DAD15-8P-R-2388 Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Optical data coupler
DAD15-8P-R-2388
5
Chaining
The SYNC output can also be used to start an additional EN-
ABLE input. Up to four MASTERS can be chained together
in this manner. The devices must then be addressed by
means of the A1 and A2 address switches. The SLAVE be-
longing to the MASTER in question requires the same
address switch setting.
Arrangement and mounting
The DAD15 data light barrier consists of an electronics unit
with spring-loaded terminals and 2 M16 cable glands.
The electronics unit is connected with an internal connector.
It is also fastened to it with 4 screws.
The unit is pre-mounted on the mounting bracket OMH-DAD10.
Sync. Slave 1
(for reception only)
Sync. Master 1
in
Enable Master 2
transmission reception
transmission reception
transmission recept
transmission
reception
0.5 ms
0.3 ms
3 ms
3 ms
35 ms
h
l
h
l
h
l
Master 1
Sync. Master 1
Slave 1
Master 2
Sync. Master 2
Timing



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com