Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAD15-8P-R-2388 Datasheet(PDF) 4 Page - Pepperl+Fuchs Inc.

Part # DAD15-8P-R-2388
Description  Optical data coupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

DAD15-8P-R-2388 Datasheet(HTML) 4 Page - Pepperl+Fuchs Inc.

  DAD15-8P-R-2388 Datasheet HTML 1Page - Pepperl+Fuchs Inc. DAD15-8P-R-2388 Datasheet HTML 2Page - Pepperl+Fuchs Inc. DAD15-8P-R-2388 Datasheet HTML 3Page - Pepperl+Fuchs Inc. DAD15-8P-R-2388 Datasheet HTML 4Page - Pepperl+Fuchs Inc. DAD15-8P-R-2388 Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Optical data coupler
DAD15-8P-R-2388
4
The DAD 15-8P can be used to transfer data words eight bits wide bidirectionally.
A device pair is required to set up a transmission route. One device is operated as the MASTER (high level on the Master/Slave
input) and the second one as the SLAVE (low level on the Master/Slave input).
All binary control signals present in parallel on inputs D1 - D8 are converted serially into an 8-bit sequence in the device, are
transferred over the light route and are again applied in parallel in the receiver to outputs D1 - D8. Interference-resistant PPM
modulation is used to transfer binary signals. The entire cycle during which the two current 8-bit words are transferred one after
the other in both directions, in the time multiplex procedure, lasts 35 ms. This corresponds to a data rate of 350 Baud. This time
multiplex procedure is of no significance to the user, since the last data to be received is stored and is available on the outputs
until the next change is made.
Output behaviour when the beam of light is interrupted
The behaviour of the data outputs when the light beam is broken can be adjusted with the aid of the 4 switch (data latch):
OFF:
Data outputs are turned off when the light beam is broken.
ON:
The last data to be received remains intact on the outputs when the light beam is broken.
Input/output / emitter deactivation
A high level on the ENABLE input is required to operate the DAD15-8P. If there is a low level on the ENABLE input, the emitter
will be turned off.
The ENABLE input has no function in SLAVE mode.
Inputs and outputs, reception indicator:
The states of data inputs and outputs are displayed individu-
ally via LEDs. A high level on the input is indicated by a green
LED. A red LED indicates an active output.
Correct reception is indicated with the output and the RE-
CEPTION INDICATOR LED.
The SYNC output indicates the end of a transmit or receive
cycle. Output data are valid with a falling edge and new input
data can be read.
x
DAD15
100
10
3
1
Distance X [m]
Stability control
Relative received light strength
01
2
3
4
5
Function
Sensitivity adjuster
(behind the cover screw)
Receiver
Emitter
RxD
Power-on



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com