Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1M-P4T-R Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # R1M-P4T-R
Description  Remote I/O R1M Series CONTACT I/O MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R1M-P4T-R Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  R1M-P4T-R Datasheet HTML 1Page - M-System Co.,Ltd. R1M-P4T-R Datasheet HTML 2Page - M-System Co.,Ltd. R1M-P4T-R Datasheet HTML 3Page - M-System Co.,Ltd. R1M-P4T-R Datasheet HTML 4Page - M-System Co.,Ltd. R1M-P4T-R Datasheet HTML 5Page - M-System Co.,Ltd. R1M-P4T-R Datasheet HTML 6Page - M-System Co.,Ltd. R1M-P4T-R Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MODEL: R1M-P4
R1M-P4 SPECIFICATIONS
ES-5664 Rev.11 Page 5/7
http://www.m-system.co.jp/
MODBUS COMMUNICATION
■ COMMUNICATION PARAMETERS
PARAMETER
SPECIFICATION
Data Mode
RTU
Baud Rate
9600 / 19200 / 38400 (*) bps
Parity
None / Odd (*) / Even
Bit Length
8
Stop Bit
1 (*) / 2
Node Address
1 (*) to 15
Floating Point Data
N/A
Interface
RS-232-C/ RS-485
(*) Ex-factory setting
■ FUNCTION CODES & SUPPORTED CODES
CODE
NAME
01
Read Coil Status
X
Digital output from the slave
02
Read Input Status
X
Status of digital inputs to the slave
03
Read Holding Registers
X
General purpose register within the slave
04
Read Input Registers
X
Collected data from the field by the slave
05
Force Single Coil
X
Digital output from the slave
06
Preset Single Registers
X
General purpose register within the slave
07
Read Exception Status
08
Diagnostics
09
Program 484
10
Poll 484
11
Fetch Comm. Event Counter
Fetch a status word and an event counter
12
Fetch Comm. Event Log
A status word, an event counter, a message count and a field of event bytes
13
Program Controller
14
Poll Controller
15
Force Multiple Coils
X
Digital output from the slave
16
Preset Multiple Registers
X
General purpose register within the slave
17
Report Slave ID
Slave type / ‘RUN’ status
18
Program 884/M84
19
Reset Comm. Link
20
Read General Reference
21
Write General Reference
22
Mask Write 4X Register
23
Read/Write 4X Register
24
Read FIFO Queue
■ DATA ADDRESS
ADDRESS
DATA FORMAT
NAME
Coil (0X)
1 – 8
bit
DO
49
bit
All counters reset
50
bit
Pulse logic to count
Input Status (1X)
1 – 8
bit
DI
Input Register (3X)
1 – 16
UL
Totalized count (ch.1 – 8)
17 – 24
UL
Totalized count (ch.A – D)
33 – 40
UI
Momentary value (ch.1 – 8)
41 – 44
UI
Momentary value (ch.A – D)
513
I
System status
514 – 521
B16
Model No. (“R1M-x”)
522 – 529
B16
Serial No.
530 – 537
B16
Hardware version No.
538 – 545
B16
Firmware version No.
Holding Register (4X)
1 – 16
UL
Counter preset value (ch.1 – 8)
17 – 24
UL
Counter preset value (ch.A – D)
bit = 1 bit, UL = 32-bit integer, I = signed 16-bit integer, UI = 16-bit integer, B16 = 16-byte character



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com