Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1M-P4T-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R1M-P4T-R
Description  Remote I/O R1M Series CONTACT I/O MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R1M-P4T-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R1M-P4T-R Datasheet HTML 1Page - M-System Co.,Ltd. R1M-P4T-R Datasheet HTML 2Page - M-System Co.,Ltd. R1M-P4T-R Datasheet HTML 3Page - M-System Co.,Ltd. R1M-P4T-R Datasheet HTML 4Page - M-System Co.,Ltd. R1M-P4T-R Datasheet HTML 5Page - M-System Co.,Ltd. R1M-P4T-R Datasheet HTML 6Page - M-System Co.,Ltd. R1M-P4T-R Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MODEL: R1M-P4
R1M-P4 SPECIFICATIONS
ES-5664 Rev.11 Page 1/7
http://www.m-system.co.jp/
Remote I/O R1M Series
CONTACT I/O MODULE
(4 totalized counter inputs, 8 contact inputs and outputs)
Functions & Features
• Totalized counter inputs
• Counts stored in E2PROM
• Easy system expansion via Modbus RTU
40
(1.57)
115
(4.53)
mm (inch)
175 (6.89)
MODEL: R1M-P4T-[1][2]
ORDERING INFORMATION
• Code number: R1M-P4T-[1][2]
Specify a code from below for each [1] and [2].
(e.g. R1M-P4T-M2/Q)
• Specify the specification for option code /Q
(e.g. /C01)
FIELD TERMINAL TYPE
T: M3 screw terminals
[1] POWER INPUT
AC Power
M2: 100 – 240 V AC (Operational voltage range 85 – 264 V,
47 – 66 Hz)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[2] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
RELATED PRODUCTS
• R1X configurator software (model: R1CON)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
GENERAL SPECIFICATIONS
Connection
Power input, transmission: Euro type connector terminal
(Applicable wire size AWG24-12 (0.2 – 2.5 mm2), stripped
length 7 mm)
RS-232-C: 9-pin D-sub connector (male)
(Lock screw No. 4-40 UNC)
I/O: M3 screw terminals (torque: 0.6N·m)
Screw terminal: Nickel-plated steel
Housing material: Flame-resistant resin (gray)
Channel selector for the digital display: Rotary DIP switch;
1 thr. 8: ch.1 thr. ch.8 contact input
A thr. D: ch.A thr. ch.D totalized counter input
0, 9, E, F: no display
Isolation: RS-232-C or RS-485 to I/O to power
Node address setting: Rotary switch; 1 – F (15 nodes)
RUN indicator LED: Green light blinks in normal conditions.
Count memory at power loss: Count value is saved in the
the non-volatile memory (E2PROM) when the power supply is
lost.
Number of rewritable times: 105 times
Data storing characteristics: 10 years at 20°C
■ Indicators
Digital display: 6-digit red LED; 4.6 mm high; Shows either
totalized (lower 6 digits only) or momentary value;
selectable with internal DIP switch
COMMUNICATION
Baud rate: 38.4 kbps
Communication: Half-duplex, asynchronous, no procedure
Protocol: Modbus RTU
Refer to Modbus Protocol Reference Guide (EM-5650) for
supported functions.
■ RS-232-C
Standard: Conforms to RS-232-C, EIA
Transmission distance: 10 meters max.
■ RS-485
Standard: Conforms to TIA/EIA-485-A
Transmission distance: 500 meters max.
Transmission media: Shielded twisted-pair cable (CPEV-S
0.9 dia.)


Similar Part No. - R1M-P4T-R

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R1M-1812D/SMD RECOM-R1M-1812D/SMD Datasheet
869Kb / 6P
1 Watt SMD Single & Dual Output
REV.: 0/2023
R1M-1812S/SMD RECOM-R1M-1812S/SMD Datasheet
869Kb / 6P
1 Watt SMD Single & Dual Output
REV.: 0/2023
R1M-1815D/SMD RECOM-R1M-1815D/SMD Datasheet
869Kb / 6P
1 Watt SMD Single & Dual Output
REV.: 0/2023
R1M-1815S/SMD RECOM-R1M-1815S/SMD Datasheet
869Kb / 6P
1 Watt SMD Single & Dual Output
REV.: 0/2023
R1M-1824D/SMD RECOM-R1M-1824D/SMD Datasheet
869Kb / 6P
1 Watt SMD Single & Dual Output
REV.: 0/2023
More results

Similar Description - R1M-P4T-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R1M-GH MSYSTEM-R1M-GH Datasheet
305Kb / 9P
Remote I/O R1M Series THERMOCOUPLE & DC INPUT MODULE
R1M-J3 MSYSTEM-R1M-J3 Datasheet
303Kb / 9P
Remote I/O R1M Series RTD & POTENTIOMETER INPUT MODULE
R1M-SGH MSYSTEM-R1M-SGH Datasheet
305Kb / 8P
Remote I/O R1M Series
R1M-D1 MSYSTEM-R1M-D1 Datasheet
317Kb / 10P
Remote I/O R1M Series CONTACT OUTPUT MODULE
R1M-A1 MSYSTEM-R1M-A1 Datasheet
337Kb / 10P
Remote I/O R1M Series
R7F4HML3-D-DAC32A MSYSTEM-R7F4HML3-D-DAC32A Datasheet
273Kb / 8P
Remote I/O R7F4H Series MECHATROLINK I/O MODULE
R7D MSYSTEM-R7D Datasheet
1Mb / 38P
Remote I/O R7 Series DeviceNet I/O MODULE
R7G4FML3-6-DC16A MSYSTEM-R7G4FML3-6-DC16A Datasheet
215Kb / 6P
Remote I/O R7G4F Series MECHATROLINK I/O MODULE
R7I4DECT-1-SVSF8N MSYSTEM-R7I4DECT-1-SVSF8N Datasheet
269Kb / 6P
Remote I/O R7I4D Series EtherCAT I/O MODULE
R7K4FML-6-DCA32A MSYSTEM-R7K4FML-6-DCA32A Datasheet
276Kb / 8P
Remote I/O R7K4F Series MECHATROLINK I/O MODULE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com