Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1M-P4T-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R1M-P4T-R
Description  Remote I/O R1M Series CONTACT I/O MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R1M-P4T-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R1M-P4T-R Datasheet HTML 1Page - M-System Co.,Ltd. R1M-P4T-R Datasheet HTML 2Page - M-System Co.,Ltd. R1M-P4T-R Datasheet HTML 3Page - M-System Co.,Ltd. R1M-P4T-R Datasheet HTML 4Page - M-System Co.,Ltd. R1M-P4T-R Datasheet HTML 5Page - M-System Co.,Ltd. R1M-P4T-R Datasheet HTML 6Page - M-System Co.,Ltd. R1M-P4T-R Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MODEL: R1M-P4
R1M-P4 SPECIFICATIONS
ES-5664 Rev.11 Page 2/7
http://www.m-system.co.jp/
INPUT SPECIFICATIONS
■ Totalized Counter Input (high speed): Dry contact, 4
points
Commons: All negatives
Max. input frequency: 10 kHz
Minimum pulse width: 50 μsec.
Max. counter value: 999 999 999 (reset to zero at overflow)
Sensing: Approx. 5 V DC (pull-up resistance 22 kΩ); ≤ 0.8 V
at Lo; ≥ 4 V at Hi
Caution: The totalized counter itself can accept frequencies
as high as 10 kHz. In order to eliminate unwanted input by
chattering, be careful to choose an input device to be free
of the problem (e.g. mercury relay).
■ Contact Input: Dry contact, 8 points
Commons: All negatives
Sensing: Approx. 5 V DC (pull-up resistance 22 kΩ); ≤ 0.8 V
at Lo; ≥ 4 V at Hi
Sampling rate: 50 msec.
Totalizing counter function
Number of input channels: 8
Max. input frequency: 100 Hz
Minimum pulse width: 5 msec.
Max. counter value: 999 999 999 (reset to zero at
overflow)
■ Counter Reset Input: Dry contact, 1 point
Commons: All negatives
Sensing: Approx. 5 V DC (pull-up resistance 22 kΩ); ≤ 0.8 V
at Lo; ≥ 4 V at Hi
Sampling rate: 50 msec.
Logic: Enable at pulse edge sinking
OUTPUT SPECIFICATIONS
■ Contact Output: Open collector, 8 points
Commons: All negatives
Rating: 24 V DC @ 50 mA (resistive load)
Saturation voltage: 1.6 V DC
For use with inductive loads, external protection of contact
and noise quenching is recommended.
Sampling rate: 50 msec.
INSTALLATION
Power consumption
•AC: Approx. 10 VA
•DC: Approx. 7 W
Operating temperature: -5 to +60°C (23 to 140°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 400 g (0.88 lb)
PERFORMANCE
Multi-transmission time: 5 msec.
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @ 1 minute (RS-232-C or RS-
485 to I/O to power to ground)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com